Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71532AS Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK71532AS
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71532AS Datasheet(HTML) 6 Page - TOKO, Inc

Back Button TK71532AS Datasheet HTML 2Page - TOKO, Inc TK71532AS Datasheet HTML 3Page - TOKO, Inc TK71532AS Datasheet HTML 4Page - TOKO, Inc TK71532AS Datasheet HTML 5Page - TOKO, Inc TK71532AS Datasheet HTML 6Page - TOKO, Inc TK71532AS Datasheet HTML 7Page - TOKO, Inc TK71532AS Datasheet HTML 8Page - TOKO, Inc TK71532AS Datasheet HTML 9Page - TOKO, Inc TK71532AS Datasheet HTML 10Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Page 6
March 2001 TOKO, Inc.
TK715xxAS
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.
Ripple Rejection
-100
0
DROPOUT VOLTAGE VS.
OUTPUT CURRENT
IOUT (mA)
-200
0
50
100
100
250
DROPOUT VOLTAGE VS.
TEMPERATURE
TA(°C)
50
-50
0
50
100
200
150
0
IOUT = 100 mA
IOUT = 50 mA
200
500
GROUND PIN CURRENT vs.
OUTPUT CURRENT
IOUT (mA)
100
0
5
10
15
400
300
0
2
5
GROUND PIN CURRENT vs.
OUTPUT CURRENT
IOUT (mA)
1
0
20
40
60
80
100
4
3
0
-10
OUTPUT VOLTAGE VS.
TEMPERATURE
TA (°C)
-20
-50
0
50
100
10
0
20
-30
3.0 V
120
180
MAX OUTPUT CURRENT
TA (°C)
100
-50
0
50
100
160
140
0
3.0 V
CL
1.0 µF
2.2 µF
4.7 µF
VOUT
VIN
0.1 µF
GND
(TANTALUM OR CERAMIC)
715xxA
RIPPLE REJECTION CIRCUIT
RIPPLE REJECTION
0.01 0.1
1
10
100
1000
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
F (kHz)
----TANTALUM
1.0
µF : 4.7 µF
CERAMIC
2.2
µF : 4.7 µF
IOUT = 10 mA


Similar Part No. - TK71532AS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71532 TOKO-TK71532 Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
TK71532S TOKO-TK71532S Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
TK71532SCL TOKO-TK71532SCL Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
TK71532SCL/32 TOKO-TK71532SCL/32 Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71532AS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com