Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

370HW017XMT08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 370HW017XMT08
Description  Composite Cable-Sealing Environmental Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

370HW017XMT08 Datasheet(HTML) 1 Page - Glenair, Inc.

  370HW017XMT08 Datasheet HTML 1Page - Glenair, Inc. 370HW017XMT08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-40
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
370-017
Composite Cable-Sealing Environmental Backshell
with Self-Locking Rotatable Coupling
and Qwik-Clamp
US PATENT 5211576
Cable
Range
H
J
1.38
(35.1)
Anti-Decoupling
Device
O-ring
O-ring
F
E
G
J
Cable
Range
H
Connector
Designator
A, F, L, H, G and U
370 H S 017 XO 19 28
Connector
Shell Size
(See Table II)
Dash Number
(Table IV)
Product Series
370 - Environmental
Strain Relief
Basic Part
Number
Angle and Profile
S - Straight
W - 90° Elbow
Finish Symbol
(See Table III)
NOTES
Coupling nut supplied unplated.
1.
See Table I in Intro for front-end dimensional details.
2.
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
G MIL-DTL-28840
U DG123 and DG123A
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE


Similar Part No. - 370HW017XMT08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370HW016XB08 GLENAIR-370HW016XB08 Datasheet
334Kb / 2P
   Composite Cable-Sealing Environmental Backshell
370HW016XB09 GLENAIR-370HW016XB09 Datasheet
334Kb / 2P
   Composite Cable-Sealing Environmental Backshell
370HW016XB10 GLENAIR-370HW016XB10 Datasheet
334Kb / 2P
   Composite Cable-Sealing Environmental Backshell
370HW016XB12 GLENAIR-370HW016XB12 Datasheet
334Kb / 2P
   Composite Cable-Sealing Environmental Backshell
370HW016XB13 GLENAIR-370HW016XB13 Datasheet
334Kb / 2P
   Composite Cable-Sealing Environmental Backshell
More results

Similar Description - 370HW017XMT08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370AS016XB08 GLENAIR-370AS016XB08 Datasheet
334Kb / 2P
   Composite Cable-Sealing Environmental Backshell
360AS015XB08 GLENAIR-360AS015XB08 Datasheet
304Kb / 2P
   Composite Non-Environmental Backshell
360AS014XB08 GLENAIR-360AS014XB08 Datasheet
306Kb / 2P
   Composite Non-Environmental Backshell
370GH007NF11 GLENAIR-370GH007NF11 Datasheet
247Kb / 2P
   Submersible Cable Sealing Backshell
189-037 GLENAIR-189-037 Datasheet
240Kb / 2P
   Environmental Backshell
370AA004B08 GLENAIR-370AA004B08 Datasheet
242Kb / 2P
   Water-Tight Cable Sealing Backshell
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
   Composite Backshell
370AA005B08 GLENAIR-370AA005B08 Datasheet
200Kb / 2P
   Splash-Proof Cable Sealing Backshell
443AM010NF08 GLENAIR-443AM010NF08 Datasheet
84Kb / 2P
   EMI/RFI Cable Sealing Backshell
370AA003B08 GLENAIR-370AA003B08 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com