Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71225MTL Datasheet(PDF) 7 Page - TOKO, Inc

Part # TK71225MTL
Description  LOW DROPOUT REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71225MTL Datasheet(HTML) 7 Page - TOKO, Inc

Back Button TK71225MTL Datasheet HTML 3Page - TOKO, Inc TK71225MTL Datasheet HTML 4Page - TOKO, Inc TK71225MTL Datasheet HTML 5Page - TOKO, Inc TK71225MTL Datasheet HTML 6Page - TOKO, Inc TK71225MTL Datasheet HTML 7Page - TOKO, Inc TK71225MTL Datasheet HTML 8Page - TOKO, Inc TK71225MTL Datasheet HTML 9Page - TOKO, Inc TK71225MTL Datasheet HTML 10Page - TOKO, Inc TK71225MTL Datasheet HTML 11Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
January 1999 TOKO, Inc.
Page 7
TK712xx
TEST CIRCUIT
VIN
NOISE
BYPASS
VOUT
VIN
IIN
+
GND
+
VOUT
IOUT
CL
CN
TYPICAL PERFORMANCE CHARACTERISTICS
T
A = 25 ° C, unless otherwise specified.
50
OUTPUT VOLTAGE VS.
INPUT VOLTAGE
VIN (V)
0
10
20
-50
30
10
-10
-30
5
GROUND CURRENT VS.
AMBIENT TEMPERATURE
TA (°C)
-50
0
50
100
0
4
3
2
1
IOUT = 60 mA
IOUT = 30 mA
500
DROPOUT VOLTAGE VS.
AMBIENT TEMPERATURE
TA (°C)
-50
0
50
100
0
400
300
200
100
IOUT = 60 mA
IOUT = 30 mA
-50
NOISE SPECTRUM
FREQUENCY (kHz)
0
500
1000
-100
-150
IOUT = 30 mA
INSTRUMENT NOISE FLOOR
CN = 0.01 µF
CL = 1 µF
0
RIPPLE REJECTION VS.
FREQUENCY
FREQUENCY (Hz)
100
1 k
10 k
100 k
-50
-100
CL = 1 µF
CL = 10 µF
300
NOISE VOLTAGE VS.
BYPASS CAPACITOR
CN
1 pF
10 pF
100 pF
1000 pF
0.01 µF
.1 µF
100
IOUT = 30 mA
200
150
50
0
CL = 3.3 µF
CL = 1.0 µF
CL = 10 µF
CL = 10 µF
VOUT = 2 V
VOUT = 5 V


Similar Part No. - TK71225MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71120 TOKO-TK71120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT TOKO-TK71120NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT/120 TOKO-TK71120NT/120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125 TOKO-TK71125 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125NT TOKO-TK71125NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
More results

Similar Description - TK71225MTL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com