Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

360FH017B10 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 360FH017B10
Description  Non-Environmental Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

360FH017B10 Datasheet(HTML) 1 Page - Glenair, Inc.

  360FH017B10 Datasheet HTML 1Page - Glenair, Inc. 360FH017B10 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 36 - Page 8
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
360-017
Non-Environmental Backshell
with QwikClamp® Strain Relief
Standard Profile - Self-Locking - Rotatable Coupling
360 F S 017 M 16 10 6
Product Series
Connector Designator
Angle and Profile
H = 45°
J = 90°
S = Straight
Basic Part No.
Length: S only
(1/2 inch increments:
e.g. 6 = 3 inches)
Cable Entry (Tables IV)
Shell Size (Table I)
Finish (Table II)
CONNECTOR
DESIGNATORS
A-F-H-L-S
SELF-LOCKING
ROTATABLE
COUPLING
QWIKCLAMP®
STRAIN RELIEF
A Thread
(Table I)
Length ± .060 (1.52)
Min. Order
Length 1.5 Inch
(See Note 1)
E Typ.
(Table I)
Cable
Range
L (Table IV)
Internal Mechanical
Strain-Relief
Anti-Rotation (Typ.)
K
(Table IV)
H
(Table III)
J (Table III)
F
(Table III)
G (Table III)
Anti-Rotation
Device (Typ.)


Similar Part No. - 360FH017B10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
360FA001M16 GLENAIR-360FA001M16 Datasheet
123Kb / 2P
   Non-Environmental Backshell
360FA002M16 GLENAIR-360FA002M16 Datasheet
143Kb / 2P
   Non-Environmental Backshell
360FB001M16 GLENAIR-360FB001M16 Datasheet
123Kb / 2P
   Non-Environmental Backshell
360FB002M16 GLENAIR-360FB002M16 Datasheet
143Kb / 2P
   Non-Environmental Backshell
360FS001M16 GLENAIR-360FS001M16 Datasheet
123Kb / 2P
   Non-Environmental Backshell
More results

Similar Description - 360FH017B10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
360AA002M16 GLENAIR-360AA002M16 Datasheet
143Kb / 2P
   Non-Environmental Backshell
360AA001M16 GLENAIR-360AA001M16 Datasheet
123Kb / 2P
   Non-Environmental Backshell
360GH003B17 GLENAIR-360GH003B17 Datasheet
126Kb / 2P
   Non-Environmental Backshell
360AS015XB08 GLENAIR-360AS015XB08 Datasheet
304Kb / 2P
   Composite Non-Environmental Backshell
360AS014XB08 GLENAIR-360AS014XB08 Datasheet
306Kb / 2P
   Composite Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA005B08 GLENAIR-380AA005B08 Datasheet
99Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA006B08 GLENAIR-380AA006B08 Datasheet
97Kb / 2P
   EMI/RFI Non-Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com