Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM48557 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48557
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48557 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM48557 Datasheet HTML 4Page - National Semiconductor (TI) LM48557 Datasheet HTML 5Page - National Semiconductor (TI) LM48557 Datasheet HTML 6Page - National Semiconductor (TI) LM48557 Datasheet HTML 7Page - National Semiconductor (TI) LM48557 Datasheet HTML 8Page - National Semiconductor (TI) LM48557 Datasheet HTML 9Page - National Semiconductor (TI) LM48557 Datasheet HTML 10Page - National Semiconductor (TI) LM48557 Datasheet HTML 11Page - National Semiconductor (TI) LM48557 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
//htmlimg2.alldatasheet.com/htmldatasheet2/297013/NSC/LM48557/474/8/LM48557.png


Similar Part No. - LM48557

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
LM48557TL/NOPB TI1-LM48557TL/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
LM48557TLX/NOPB TI1-LM48557TLX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
LM48557UR/NOPB TI1-LM48557UR/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
LM48557URX/NOPB TI1-LM48557URX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
More results

Similar Description - LM48557

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48823 TI1-LM48823 Datasheet
979Kb / 22P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
National Semiconductor ...
LM48823 NSC-LM48823 Datasheet
512Kb / 20P
   Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Texas Instruments
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
logo
NXP Semiconductors
TDA8945S PHILIPS-TDA8945S Datasheet
363Kb / 21P
   15 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
logo
NXP Semiconductors
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
   Mono CODEC with Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com