Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

319AB137XB16 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 319AB137XB16
Description  Composite Shield Sock Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319AB137XB16 Datasheet(HTML) 2 Page - Glenair, Inc.

  319AB137XB16 Datasheet HTML 1Page - Glenair, Inc. 319AB137XB16 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-23
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
319-137
Composite Shield Sock Strain Relief
with Self-Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size
E
± .031
F
Min
G
Max
H
Max
A, F
H
08
09
.265 (6.7)
.22 (5.6)
.901 (22.9)
1.388 (35.3)
10
11
.310 (7.9)
.27 (6.9)
.964 (24.5)
1.428 (36.3)
12
13
.390 (9.9)
.35 (8.9)
1.050 (26.7)
1.498 (38.0)
14
15
.506 (12.9)
.47 (11.9)
1.112 (28.2)
1.548 (39.3)
16
17
.591 (15.0)
.55 (14.0)
1.175 (29.8)
1.648 (41.9)
18
19
.661 (16.8)
.62 (15.7)
1.230 (31.2)
1.768 (44.9)
20
21
.744 (18.9)
.70 (17.8)
1.293 (32.8)
1.808 (45.9)
22
23
.826 (21.0)
.78 (19.8)
1.365 (34.7)
1.858 (47.2)
24
25
.896 (22.8)
.85 (21.6)
1.417 (36.0)
1.898 (48.2)
TABLE IV: BRAID TYPE
Symbol
Braid Type
A
100% AmberStrand®
B
75%/25% AmberStrand® Blend
Standard
Nickel/Copper 34awg
T
Tin/Copper 34awg
TABLE III: FINISH
Symbol
Finish
XB
Composite Material–No Plating,
Color Black, Brass Interface Shroud
and Adapter–Nickel Plated
XMT
2000 Hour Corrosion Resistant
Ni-PTFE, Nickel-Fluorocarbon
Polymer. 1000 Hour GreyTM
XN
Composite Material–No Plating,
Color Black and Brown, Brass
Interface Shroud and Adapter–
Selectively Cadmium Plated
(See Detail B)
NOTES
See composite thermoplastic shield sock assembly procedure for detailed installation instructions.
1.
See Table I in Intro for front-end dimensional details.
2.
Coupling nut supplied unplated.
3.
TABLE II: SHELL SIZE (CONTINUED)
Shell Size
J
Max
K
Max
L
Max
K Diameter
A, F
H
A Code
F Code
H Code
08
09
.91 (23.1)
1.128 (28.7)
.939 (23.9)
.265 (6.7)
.275 (7.0)
.264 (6.7)
10
11
.97 (24.6)
1.168 (29.7)
1.059 (26.9)
.370 (9.4)
.412 (10.5)
.390 (9.9)
12
13
1.06 (26.9)
1.248 (31.7)
1.199 (30.5)
.506 (12.9)
.526 (13.4)
.504 (12.8)
14
15
1.16 (29.5)
1.368 (34.7)
1.199 (30.5)
.580 (14.7)
.651 (16.5)
.630 (16.0)
16
17
1.34 (34.0)
1.448 (36.8)
1.329 (33.8)
.705 (17.9)
.776 (19.7)
.756 (19.2)
18
19
1.41 (35.8)
1.528 (38.8)
1.509 (38.3)
.784 (19.9)
.872 (22.1)
.843 (21.4)
20
21
1.53 (38.9)
1.648 (41.9)
1.609 (40.9)
.909 (23.1)
1.007 (25.6)
.969 (24.6)
22
23
1.66 (42.2)
1.688 (42.9)
1.759 (44.7) 1.034 (1.034) 1.132 (28.8)
1.091 (27.7)
24
25
1.78 (45.2)
1.758 (44.7)
1.859 (47.2)
1.149 (29.2)
1.257 (31.9)
1.217 (30.9)


Similar Part No. - 319AB137XB16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319A064XB08A GLENAIR-319A064XB08A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB08B GLENAIR-319A064XB08B Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB08R GLENAIR-319A064XB08R Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
319A064XB08T GLENAIR-319A064XB08T Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB10A GLENAIR-319A064XB10A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
More results

Similar Description - 319AB137XB16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319A138XB08 GLENAIR-319A138XB08 Datasheet
311Kb / 2P
   Composite Swing-Arm Strain Relief with Shield Sock
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527249BP GLENAIR-527249BP Datasheet
78Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
527248BP GLENAIR-527248BP Datasheet
105Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief and 30 Cable Entries
620AA042 GLENAIR-620AA042 Datasheet
305Kb / 1P
   Composite Strain-Relief Clamp
377-040 GLENAIR-377-040 Datasheet
403Kb / 2P
   Composite Strain-Relief Backshell
319-134 GLENAIR-319-134 Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319FS134XM08B GLENAIR-319FS134XM08B Datasheet
337Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
627A122XO16 GLENAIR-627A122XO16 Datasheet
328Kb / 2P
   Composite Swing-Arm Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com