Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

189H009NF1508-04 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 189H009NF1508-04
Description  Banding Backshell / Molding Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189H009NF1508-04 Datasheet(HTML) 1 Page - Glenair, Inc.

  189H009NF1508-04 Datasheet HTML 1Page - Glenair, Inc. 189H009NF1508-04 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I-16
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
189-009
Banding Backshell / Molding Adapter
For MIL-PRF-28876 Connectors
Product Series
Angular Function
H = 45°
J = 90°
S = Straight
Basic Number
Finish Symbol
(Table III)
Shell Size
(Table I)
189 S 009 NF 13 08-04
Length
(1/2” Increments
See Note 2)
Entry Size
(Table II)
O-Ring
(See Note 4)
C
.310
(7.9)
Pressure Ring
(See Note 4)
STYLE 2, SYM S
(See Note 3)
Length
STYLE 2
45 & 90
(See Note 3)
Max
1.25 (31.8)
H
SYM J
90
K
45
SYM H
45
G
J
Knurl Style
Mfr Option
M Dia
SYM S
STRAIGHT
B
L
Length
(See Note 2)
Straight
Knurl
A Thread
.062 (1.6)
N
.140/.130
(3.6/3.3)
P
M


Similar Part No. - 189H009NF1508-04

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HM016B1105-3B GLENAIR-189HM016B1105-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
189HM016B1107-3B GLENAIR-189HM016B1107-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
189HM016B1109-3B GLENAIR-189HM016B1109-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
189HM016B1111-3B GLENAIR-189HM016B1111-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
189HM016B1113-3B GLENAIR-189HM016B1113-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
More results

Similar Description - 189H009NF1508-04

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189-009 GLENAIR-189-009 Datasheet
685Kb / 2P
   Banding Backshell / Molding Adapter
809-141 GLENAIR-809-141 Datasheet
170Kb / 1P
   Molding, Backshell Banding Adapter
189-015M1105-3B GLENAIR-189-015M1105-3B_10 Datasheet
229Kb / 2P
   Environmental Banding Backshell
500-023 GLENAIR-500-023 Datasheet
75Kb / 1P
   Split Banding Backshell
189-015M1105-3B GLENAIR-189-015M1105-3B Datasheet
265Kb / 2P
   Environmental Banding Backshell
189-015 GLENAIR-189-015 Datasheet
326Kb / 2P
   Environmental Banding Backshell
527-108 GLENAIR-527-108 Datasheet
50Kb / 2P
   EMI/RFI Banding Backshell
550T024M GLENAIR-550T024M Datasheet
123Kb / 2P
   D-Subminiature Split Banding Backshell
557109M2 GLENAIR-557109M2 Datasheet
171Kb / 2P
   EMI/RFI Banding Backshell Assembly
557S184M GLENAIR-557S184M Datasheet
118Kb / 2P
   EMI/RFI Banding Backshell Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com