Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

319A065XO20R Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 319A065XO20R
Description  Self-Locking Rotatable Coupling
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319A065XO20R Datasheet(HTML) 1 Page - Glenair, Inc.

  319A065XO20R Datasheet HTML 1Page - Glenair, Inc. 319A065XO20R Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H-8
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
H
319-065
Self-Locking Rotatable Coupling
Composite Swing-Arm Strain Relief with
Composite EMI/RFI Shield Sock & Optional Split Ring
U.S. PATENT NO. 6419519
H Flats
(Typ)
Anti-Rotation Device (Typ)
Straight
Position
Captivated
Self-Locking
Telescoping
Screws (Typ)
EMI Shroud (Typ)
A Thread (Typ)
B
(Typ)
K
(Typ)
L
J
G
D
F
(Typ)
E (Typ)
Closed
.062
(1.8) Min
.250
(6.4) Max
Screw
Protrusion
(Typ)
Composite
75% - 25% Braid
Captive Position-
Screw locks Swing
Arm in 45° incre-
ments
(See Notes 2, 3)
Screw Head
same side
(Typ)
90° Position
45° Position
(See Note 2)
Optional Split
RingP/N
687-207
(Page H-16)
Basic
Number
Product
Series
Connector Designator
(A, F and H)
Finish Symbol
(See Table III)
Termination
R - Split Ring (687-207)
and Band (600-052)
Supplied
(Omit if Not Required)
Shell Size
(See Table I)
319
A
065
XO
16
R
CONNECTOR DESIGNATOR:
A-MIL-DTL-5015/-26482/-83723
F-MIL-DTL-38999SeriesI,II
H-MIL-DTL-38999SeriesIIIandIV
SELF-LOCKING
ROTATABLE
COUPLING


Similar Part No. - 319A065XO20R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319A064XB08A GLENAIR-319A064XB08A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB08B GLENAIR-319A064XB08B Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB08R GLENAIR-319A064XB08R Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
319A064XB08T GLENAIR-319A064XB08T Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB10A GLENAIR-319A064XB10A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
More results

Similar Description - 319A065XO20R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319A064XO08A GLENAIR-319A064XO08A_08 Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
620-048 GLENAIR-620-048 Datasheet
206Kb / 1P
   Self-Locking Rotatable Coupling
319-065 GLENAIR-319-065 Datasheet
255Kb / 2P
   Composite Self-Locking Rotatable Coupling
627-122 GLENAIR-627-122 Datasheet
194Kb / 2P
   Composite Self-Locking Rotatable Coupling
319-064 GLENAIR-319-064 Datasheet
200Kb / 2P
   Composite Self-Locking Rotatable Coupling
450AA029XO08 GLENAIR-450AA029XO08 Datasheet
352Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling
450AA030XM08 GLENAIR-450AA030XM08 Datasheet
354Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling and Ground Lug
440AC075NF08 GLENAIR-440AC075NF08 Datasheet
135Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AH075NF08 GLENAIR-440AH075NF08 Datasheet
52Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AC072NF08 GLENAIR-440AC072NF08 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com