Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

320SL001M14 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 320SL001M14
Description  Extender Backshell
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

320SL001M14 Datasheet(HTML) 1 Page - Glenair, Inc.

  320SL001M14 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 32 - Page 2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Metric dimensions
(mm) are indicated in
parentheses.
See inside back
cover fold-out or
pages 13 and 14
for unabridged
Tables I and II.
320-001
Extender Backshell
Standard Profile - Rotatable Coupling
TABLE III: DIMENSIONS
A-F-L-S
08
10
12
14
16
18
20
22
24
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
E
Max
.830 (21.1)
.860 (21.8)
.882 (22.4)
.900 (22.9)
.930 (23.6)
.950 (24.1)
.980 (24.9)
1.000 (25.4)
1.030 (26.2)
G
Max
.940 (23.9)
1.010 (25.7)
1.070 (27.2)
1.130 (28.7)
1.190 (30.2)
1.240 (31.5)
1.310 (33.3)
1.360 (34.5)
1.540 (39.1)
H
Max
1.000 (25.4)
1.070 (27.2)
1.130 (28.7)
1.190 (30.2)
1.250 (31.8)
1.300 (33.0)
1.370 (34.8)
1.420 (36.1)
1.490 (37.8)
F
Max
.890 (22.6)
.920 (23.4)
.942 (23.9)
.970 (24.6)
.990 (25.1)
1.010 (25.7)
1.040 (26.4)
1.060 (26.9)
1.090 (27.7)
320 F S 001 M 16-3
CONNECTOR
DESIGNATORS
A-D-F-H-L-S
ROTATABLE
COUPLING
Product Series
Connector
Designator
Angle and Profile
L = 90°
K = 45°
S = Straight
Length - Straight only
(1/2 inch increments:
e.g. 3 = 1.5 inches) Minimum
order length 1.0 inches
Shell Size (Table I)
Finish (Table II)
Basic Part No.
Length
±.060 (1.52)
A Thread Class 2B
(Table I)
C Typ.
(Table I)
A Thread - Class 2A
(Table I)
F (Table III)
E
(Table III)
TABLE II : STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab Over
Electroless Nickel
See Back Cover for Complete Finish Information
and Additional Finish Options
G
(Table III)
H (Table III)
Now Available
with the “NESTOR”
Add “-445” to Specify
Glenair’s Non-Detent,
Spring-Loaded, Self-
Locking Coupling.


Similar Part No. - 320SL001M14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
320S14-U ETC2-320S14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
320S14-U ETC2-320S14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
logo
ETAL Group
320SMD ETAL-320SMD Datasheet
733Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
320SMDTR ETAL-320SMDTR Datasheet
733Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
logo
Glenair, Inc.
320SS002B16 GLENAIR-320SS002B16 Datasheet
71Kb / 1P
   Extender Backshell
More results

Similar Description - 320SL001M14

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
320AS002M16 GLENAIR-320AS002M16 Datasheet
71Kb / 1P
   Extender Backshell
327AT060XM08 GLENAIR-327AT060XM08 Datasheet
296Kb / 2P
   Extender Backshell
IT101393-123 GLENAIR-IT101393-123 Datasheet
456Kb / 2P
   Extender Backshell for Plug Connectors
logo
Mini-Circuits
FX-30G-RC MINI-FX-30G-RC Datasheet
988Kb / 10P
   Frequency Extender
Rev. OR
FX-30GHP-RC MINI-FX-30GHP-RC Datasheet
948Kb / 10P
   Frequency Extender
Rev. A
logo
Generalplus Technology ...
GPBA01B GENERALPLUS-GPBA01B Datasheet
524Kb / 29P
   Bus Extender
logo
Glenair, Inc.
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
   Composite Backshell
527297B GLENAIR-527297B Datasheet
117Kb / 1P
   Split Backshell
527P303B GLENAIR-527P303B Datasheet
136Kb / 2P
   Split Backshell
189-037 GLENAIR-189-037 Datasheet
240Kb / 2P
   Environmental Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com