Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

319AS120XB24 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 319AS120XB24
Description  Composite EMI/RFI Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319AS120XB24 Datasheet(HTML) 1 Page - Glenair, Inc.

  319AS120XB24 Datasheet HTML 1Page - Glenair, Inc. 319AS120XB24 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-14
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
319-120
Composite EMI/RFI Backshell
with Shield Sock and
Self-Locking Rotatable Coupling
Finish Symbol
(See Table III)
Connector Designator
A, F, and H
Product Series
319 - EMI/RFI Shield
Sock Assemblies
319 H S 120 XB 15 B R - 14
Basic Part
Number
Connector
Shell Size
(See Table II)
Custom Braid Length
Specify In Inches
(Omit for Std. 12" Length)
Split Ring / Band Option
Split Ring (687-749) and Band
(600-052-1) supplied with
R option
(Omit for none)
Angle and Profile
S - Straight
Optional Braid
Material
Omit for Standard
(See Table IV)
Anti-Rotation Device
Crimp Ring
EMI Shroud
A Thread
K
.40 Ref
12.00 Min
.15
Standard Shield IAW 107-030
Nickel / Copper. See Table III for
optional material.
Split Ring
Glenair Part Number 687-749
Band
Glenair Part
Number 600-052-1
Termination
Area Free of
Cadmium
Detail "B"
Finish XN
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II,
and -83723 Series I and III
F MIL-DTL-38999 Series I, II
H MIL-DTL-38999 Series III and IV
SELF-LOCKING
ROTATABLE COUPLING
LOW PROFILE


Similar Part No. - 319AS120XB24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
319AS136XM10 GLENAIR-319AS136XM10 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
319AS136XM12 GLENAIR-319AS136XM12 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
319AS136XM14 GLENAIR-319AS136XM14 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
319AS136XM16 GLENAIR-319AS136XM16 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
More results

Similar Description - 319AS120XB24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
   Composite EMI/RFI Banding Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_09 Datasheet
304Kb / 2P
   Composite RFI/EMI Banding Backshell
447AS326XM08 GLENAIR-447AS326XM08 Datasheet
292Kb / 2P
   Composite Standard Profile EMI/RFI Micro-Banding Backshell
447HS711XW19 GLENAIR-447HS711XW19 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
447AS711XM08 GLENAIR-447AS711XM08 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
557T186XM GLENAIR-557T186XM Datasheet
131Kb / 2P
   Composite D-Subminiature EMI/RFI Banding Split Backshell
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
   EMI/RFI Backshell
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
   EMI/RFI Backshell
311AS034 GLENAIR-311AS034 Datasheet
301Kb / 1P
   Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com