Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK75020 Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK75020
Description  ZVS RESONANT CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK75020 Datasheet(HTML) 4 Page - TOKO, Inc

  TK75020 Datasheet HTML 1Page - TOKO, Inc TK75020 Datasheet HTML 2Page - TOKO, Inc TK75020 Datasheet HTML 3Page - TOKO, Inc TK75020 Datasheet HTML 4Page - TOKO, Inc TK75020 Datasheet HTML 5Page - TOKO, Inc TK75020 Datasheet HTML 6Page - TOKO, Inc TK75020 Datasheet HTML 7Page - TOKO, Inc TK75020 Datasheet HTML 8Page - TOKO, Inc TK75020 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 4
January 1999 TOKO, Inc.
TK75020
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
T
(
N
O
I
T
C
E
S
G
N
I
T
T
E
S
E
M
I
T
-
F
F
O
M
U
M
I
X
A
M
)
X
A
M
(
F
F
O
)
N
I
P
I
)
X
A
M
,
F
F
O
(
T
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
SV
)
X
A
M
,
F
F
O
(
T
V
0
=5
.
2A
m
V
)
X
A
M
,
F
F
O
(
T
e
g
a
t
l
o
V
n
i
PI
)
X
A
M
,
F
F
O
(
T
A
m
0
=8
.
10
.
22
.
2V
C
(
N
O
I
T
C
E
S
G
N
I
M
I
T
T
)
N
I
P
V
)
W
O
L
(
T
C
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
w
o
L9
.
00
.
11
.
1V
V
)
H
G
I
H
(
T
C
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
h
g
i
H7
.
20
.
33
.
3V
fy
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O5
1
10
4
15
6
1z
H
k
R
T
C
N
O
T
C
o
t
o
i
t
a
R
r
e
f
s
n
a
r
T
t
n
e
r
r
u
C
T
,
n
i
P
g
n
i
t
t
e
S
e
m
i
t
-
n
O
V
T
C
V
4
=2
.
6
-5
.
5
-8
.
4
-
R
T
C
)
X
A
M
(
F
F
O
T
C
o
t
o
i
t
a
R
r
e
f
s
n
a
r
T
t
n
e
r
r
u
C
T
,
n
i
P
g
n
i
t
t
e
S
e
m
i
t
-
f
f
O
x
a
M
V
T
C
V
0
=5
7
.
45
2
.
55
7
.
5
)
N
I
P
D
V
Z
(
N
O
I
T
C
E
S
R
O
T
C
E
T
E
D
E
G
A
T
L
O
V
O
R
E
Z
V
)
H
T
(
D
V
Z
d
l
o
h
s
e
r
h
T
w
o
L
r
o
t
c
e
t
e
DT
A
C
°
5
2
=8
.
10
.
22
.
2V
I
D
V
Z
t
n
e
r
r
u
C
t
u
p
n
IV
D
V
Z
V
2
=0
5
-0
A
µ
t
)
V
R
D
(
D
V
Z
V
R
D
o
t
y
a
l
e
D
V
D
V
Z
,
V
0
o
t
5
m
o
r
F
s
p
e
t
S
C
V
R
D
F
n
1
=
0
7
10
0
3s
n
)
N
I
P
P
D
O
(
N
O
I
T
C
E
S
R
O
T
C
E
T
E
D
N
O
I
T
A
P
I
S
S
I
D
R
E
V
O
V
)
H
T
(
P
D
O
e
g
a
l
o
V
d
l
o
h
s
e
r
h
T
n
o
i
t
c
e
t
e
D5
4
.
00
7
.
05
9
.
0V
I
)
G
V
A
(
P
D
O
t
n
e
r
r
u
C
e
g
a
r
e
v
AT
,
z
H
k
0
0
1
=
f
P
A
L
R
E
V
O
s
n
0
0
2
=6
.
0A
µ
)
N
I
P
P
V
O
(
N
O
I
T
C
E
S
R
O
T
C
E
T
E
D
E
G
A
T
L
O
V
R
E
V
O
V
)
H
T
(
P
V
O
e
g
a
l
o
V
d
l
o
h
s
e
r
h
T
n
o
i
t
c
e
t
e
D6
.
30
.
43
.
4V
t
)
D
(
P
V
O
V
R
D
o
t
y
l
a
e
D
0
5
30
0
8s
n
TK75020 ELECTRICAL CHARACTERISTICS (CONT.)
Test conditions: V
CC = 12 V, VEN = 2.4 V, CT = 360 pF, ITON / SS = ITOFF(MAX) = 50 µA, DRV is Open, TA = Full Operating
Temperature Range, Typical numbers apply at T
A = 25 °C, unless otherwise specified.


Similar Part No. - TK75020

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001D TOKO-TK75001D Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001DIMG TOKO-TK75001DIMG Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001DIMG/75001 TOKO-TK75001DIMG/75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75002 TOKO-TK75002 Datasheet
77Kb / 10P
   ERROR SIGNAL ISOLATOR
More results

Similar Description - TK75020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1660 STMICROELECTRONICS-AN1660 Datasheet
154Kb / 13P
   ZVS RESONANT CONVERTER
logo
Champion Microelectroni...
CM6900G CHAMP-CM6900G Datasheet
226Kb / 12P
   Resonant Controller
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
   ZVS Full Bridge PWM Controller
Nov 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com