Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

330LS003G16 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 330LS003G16
Description  Pipe Thread Adapter Direct Coupling
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

330LS003G16 Datasheet(HTML) 1 Page - Glenair, Inc.

  330LS003G16 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 33 - 3
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. Pipe threads per
American
standard taper
pipe thread.
2. Metric dimensions
(mm) are
indicated in
parentheses.
3. When using
Connector
Designator B
refer to pages 18
and 19 for part
number develop-
ment.
330 F S 003 N 16 03-5
Product Series
Connector Designator
Angle and Profile
S = Straight
Basic Part No.
003 = External Thread
004 = Internal Thread
Length Designator (1/2 inch
increments: e.g. 5=2.5 inches,
Minimum Lengths Table III)
Cable Entry (Table III)
Shell Size (Table I)
Finish (Table II)
A Thread
(Table I)
External
Tapered
Pipe
Thread
B
(Table I)
Wrench Flats Typ. (Space Permitting)
B
(Table I)
Length
± .060 (1.52)
Length
± .060 (1.52)
A Thread
(Table I)
See inside back cover fold-
out or pages 13 and 14 for
unabridged Tables I and II.
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 3
DIRECT
COUPLING
F (Table III)
E
(Table III)
G (Table III)
E
(Table III)
TABLE II: STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab Over
Electroless Nickel
See Back Cover for Complete Finish Information
and Additional Finish Options
330-003 and 330-004
Pipe Thread Adapter
Direct Coupling
TABLE III: CABLE ENTRY
Dash
No.
01
02
03
04
05
06
07
08
09
10
E
.391
(9.9)
.593 (15.1)
.593 (15.1)
.781 (19.8)
.812 (20.6)
1.000 (25.4)
1.031 (26.2)
1.031 (26.2)
1.062 (27.0)
1.453 (36.9)
G Dia
.500 (12.7)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
1.750 (44.5)
2.125 (54.0)
2.500 (63.5)
3.250 (82.6)
Min
2.0
(50.8)
2.0
(50.8)
2.0
(50.8)
2.5
(63.5)
2.5
(63.5)
2.5
(63.5)
3.0
(76.2)
3.0
(76.2)
3.0
(76.2)
3.0
(76.2)
F Dia
.405 (10.3)
.540 (13.7)
.675 (17.1)
.840 (21.3)
1.050 (26.7)
1.315 (33.4)
1.660 (42.2)
1.900 (48.3)
2.375 (60.3)
2.875 (73.0)
Pipe
Thread
1/8
1/4
3/8
1/2
3/4
1
1 1/4
1 1/2
2
2 1/2
Length
Desig.
4
4
4
5
5
5
6
6
6
6


Similar Part No. - 330LS003G16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
330LS001B16 GLENAIR-330LS001B16 Datasheet
98Kb / 1P
   Pipe Thread Adapters Rotatable Coupling
330LS001C16 GLENAIR-330LS001C16 Datasheet
98Kb / 1P
   Pipe Thread Adapters Rotatable Coupling
330LS001G16 GLENAIR-330LS001G16 Datasheet
98Kb / 1P
   Pipe Thread Adapters Rotatable Coupling
330LS001M16 GLENAIR-330LS001M16 Datasheet
98Kb / 1P
   Pipe Thread Adapters Rotatable Coupling
330LS001NF16 GLENAIR-330LS001NF16 Datasheet
98Kb / 1P
   Pipe Thread Adapters Rotatable Coupling
More results

Similar Description - 330LS003G16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
330AS001B16 GLENAIR-330AS001B16 Datasheet
98Kb / 1P
   Pipe Thread Adapters Rotatable Coupling
M24758-17-02-A GLENAIR-M24758-17-02-A Datasheet
136Kb / 2P
   Adapter for Tapered Pipe Thread
M24758-18-02-A GLENAIR-M24758-18-02-A Datasheet
61Kb / 1P
   Adapter for Straight Pipe Thread
M24758-17-16-A GLENAIR-M24758-17-16-A Datasheet
77Kb / 1P
   Adapter for Tapered Pipe Thread
M24758-17C04 GLENAIR-M24758-17C04 Datasheet
50Kb / 2P
   Adapter for Tapered Pipe Thread
M24758-26B03 GLENAIR-M24758-26B03 Datasheet
189Kb / 2P
   Adapter for Tapered Pipe Thread
M24758-18-16-A GLENAIR-M24758-18-16-A Datasheet
78Kb / 1P
   Adapter for Straight Pipe Thread
M24758-18C GLENAIR-M24758-18C Datasheet
49Kb / 2P
   Adapter for Straight Pipe Thread
440M-135 GLENAIR-440M-135 Datasheet
231Kb / 1P
   Rotatable Coupling Band-Master ATS Thread-On Adapter
440MS134 GLENAIR-440MS134 Datasheet
216Kb / 1P
   Environmental Direct Coupling Band-Master ATS Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com