Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

319F138XB18 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 319F138XB18
Description  Composite Swing-Arm Strain Relief with Shield Sock
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319F138XB18 Datasheet(HTML) 1 Page - Glenair, Inc.

  319F138XB18 Datasheet HTML 1Page - Glenair, Inc. 319F138XB18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-24
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
319-138
"Wide Mouth" Composite Swing-Arm Strain Relief
with Shield Sock and
Self-Locking Rotatable Coupling
Finish Symbol
(See Table III)
Connector Designator
A, F, and H
Product Series
319 - EMI/RFI Shield
Sock Assemblies
319 H 138 XO 15 B R - 8
Basic Part
Number
Connector
Shell Size
(See Table II)
Custom Braid Length
Specify In Inches
(Omit for Std. 12" Length)
Split Ring / Band Option
Split Ring (687-749) and Band
(600-052-1) supplied with
R option
(Omit for none)
Optional Braid Material
B - See Table IV for Options
(Omit for Std. Nickel/Copper)
Anti-Rotation Device
EMI Shroud
12.00 Min
Standard Shield Length
K
J
G
Screw Locks Arm
in 45° Increments
Standard Shield
IAW 107-030 Ni/Cu
(See Table III for
optional materials)
E
Closed
H
F
.062 Min
.250 Max
Screw Protrusion
Self-Locking
Hardware
L Between
Body Ears
Crimp Ring
Band
(600-052-1)
Split Ring
(687-749)
Clamp Body, Arm,
Coupling Nut and
Saddles: Black Color
Cross Recessed
Screw Head
Same Side
Termination Area
Free of Cadmium
Detail B
Finish XN
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II,
and -83723 Series I and III
F MIL-DTL-38999 Series I, II
H MIL-DTL-38999 Series III and IV
SELF-LOCKING
ROTATABLE COUPLING
LOW PROFILE


Similar Part No. - 319F138XB18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319F064XB08A GLENAIR-319F064XB08A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319F064XB08B GLENAIR-319F064XB08B Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319F064XB08R GLENAIR-319F064XB08R Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
319F064XB08T GLENAIR-319F064XB08T Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319F064XB10A GLENAIR-319F064XB10A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
More results

Similar Description - 319F138XB18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319AS137XB08 GLENAIR-319AS137XB08 Datasheet
323Kb / 2P
   Composite Shield Sock Strain Relief
627A122XO16 GLENAIR-627A122XO16 Datasheet
328Kb / 2P
   Composite Swing-Arm Strain Relief
627A142XO GLENAIR-627A142XO Datasheet
239Kb / 2P
   Composite Swing-Arm Strain Relief
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527249BP GLENAIR-527249BP Datasheet
78Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief
GAP-027 GLENAIR-GAP-027 Datasheet
236Kb / 3P
   319 SERIES SWING ARM CLAMP SHIELD SOCK TERMINATION PROCEDURE
527248BP GLENAIR-527248BP Datasheet
105Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief and 30 Cable Entries
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
319A064XO08A GLENAIR-319A064XO08A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
620AA042 GLENAIR-620AA042 Datasheet
305Kb / 1P
   Composite Strain-Relief Clamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com