Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK75018 Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK75018
Description  SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK75018 Datasheet(HTML) 6 Page - TOKO, Inc

  TK75018 Datasheet HTML 1Page - TOKO, Inc TK75018 Datasheet HTML 2Page - TOKO, Inc TK75018 Datasheet HTML 3Page - TOKO, Inc TK75018 Datasheet HTML 4Page - TOKO, Inc TK75018 Datasheet HTML 5Page - TOKO, Inc TK75018 Datasheet HTML 6Page - TOKO, Inc TK75018 Datasheet HTML 7Page - TOKO, Inc TK75018 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6
May 1999 TOKO, Inc.
TK75018
The illustration in Figure 2 represents an equivalent circuit
to the basic example of a switched capacitor circuit in
Figure 1.
The efficiency of the ideal converter is given by the output
power divided by the input power. Since the same current
flows out of each potential, the efficiency,
η, is equal to the
ratio of V
2 to V1.
FEEDBACK AND SHUTDOWN (FB/SD)
By configuring an error voltage divider into the FB/SD pin,
the TK75018 can be used to regulate the output voltage.
It is recommended that the parallel combination of the
divider resistors be greater than approximately 16 k
Ω due
to the limited current available from the reference. The
Error Amplifier compares the FB/SD pin against an internal
1.25 V reference and limits the charge rate of C
IN, thereby
limiting its peak charged voltage over a given clock period
and, thus, lowering the charge delivery rate to the output.
The characteristic frequency response of the converter
can be tailored by adjusting the ratio of C
OUT:CIN, but it is
recommended to keep it around 10:1. A “lead” capacitor
from the negative output to the feedback input is required
to maintain good light-load regulation;
2000 pF is
recommended, regardless of output voltage. For standard
configurations, the magnitude of the regulated voltage
must be less than that which can be achieved without
regulation, |V
OUT| – VLOSS. Higher regulated output voltages
can be achieved by configuring a voltage doubler, at the
expense of maximum available output current.
When the FB/SD pin is pulled below the shutdown threshold
of ~0.45 V (e.g., via an open collector of an NPN transistor),
the reference is shut off and the switching action is
terminated. The drivers are set to allow both C
IN and COUT
to discharge into the output load. The quiescent supply
current will drop to ~ 60
µA. If an error voltage divider is not
THEORY OF OPERATION (CONT.)
FIGURE 2: SWITCHED CAPACITOR EQUIVALENT
CIRCUIT
IL
V1
C2
V2
REQUIV
Using equalities established above we find:
η = V
2 / V1 = {V1 – [IL / (ƒO x C1)]} / V1 = 1 – [IL / (ƒO x C1 x V1)]
The last term in the equality string shows that efficiency
can be improved by increasing frequency or the value of
C
1. Limitations of the circuit and components tend to cause
losses which increase with increasing frequency. Therefore,
at some point in the frequency spectrum losses will be
minimized. Hence, the oscillator of the TK75018 is designed
to run in the frequency band where losses are minimized.
Since the user will primarily be interested in maintaining a
given output voltage, losses are characterized in terms of
the voltage loss.
being used, the TK75018 will automatically restart when
the shutdown signal is removed. If such a divider is being
used, the current through the divider may be sufficient to
keep the device in shutdown until C
OUT is fully discharged,
since the reference to the amplifier has collapsed during
the shutdown. Although C
OUT is discharged fairly quickly
(allowing a quick restart), this recycling delay may not be
acceptable in some applications. This recycling delay can
be bypassed by injecting a positive start-up pulse into the
SD/FB pin (see Figure 3). This might be readily configured,
for example, as a TTL level signal which is diode coupled
into the divider. A resistor should be chosen to limit the
voltage pulse injection magnitude to 0.7 to 1.1 V. A pulse
width of
≥ 100 µs is required to guarantee a successfully
coupled start-up signal.
PIN DESCRIPTIONS
FIGURE 3: FEEDBACK AND SHUTDOWN
VOUT
COUT
33 µF
TANTALUM
R1
R2
4.7 µF
VIN
+
+
SHUTDOWN
CIN
2.2 µF
TANTALUM
RESTART
FB/SD
CAP +
GND
CAP -
V +
VOUT
Vref
+


Similar Part No. - TK75018

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001D TOKO-TK75001D Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001DIMG TOKO-TK75001DIMG Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001DIMG/75001 TOKO-TK75001DIMG/75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75002 TOKO-TK75002 Datasheet
77Kb / 10P
   ERROR SIGNAL ISOLATOR
More results

Similar Description - TK75018

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054 Datasheet
334Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054L LINER-LT1054L Datasheet
228Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054IS8PBF LINER-LT1054IS8PBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_10 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com