Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK75003D Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK75003D
Description  PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK75003D Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK75003D Datasheet HTML 6Page - TOKO, Inc TK75003D Datasheet HTML 7Page - TOKO, Inc TK75003D Datasheet HTML 8Page - TOKO, Inc TK75003D Datasheet HTML 9Page - TOKO, Inc TK75003D Datasheet HTML 10Page - TOKO, Inc TK75003D Datasheet HTML 11Page - TOKO, Inc TK75003D Datasheet HTML 12Page - TOKO, Inc TK75003D Datasheet HTML 13Page - TOKO, Inc TK75003D Datasheet HTML 14Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
January 1999 TOKO, Inc.
Page 11
TK75003
t
OFF
= C
T
x 14 k
Ω.
FIGURE 5: TK75003 IN A FORWARD CONVERTER
WITH CONSTANT OFF-TIME CURRENT-MODE
CONTROL
FIGURE 6: TIMING PIN AND FEEDBACK PIN
VOLTAGES WITH CONSTANT OFF-TIME CURRENT-
MODE CONTROL
TK75003 IN NON-ISOLATED APPLICATIONS
Although the IC was intended for off-line power-supply
applications with the voltage-error amplifier at the isolated
output, it is easy and economical to use the device in non-
isolated applications, too. Figure 7 shows a low-cost boost
power factor corrector controlled by the TK75003. Power
factor correction is achieved by controlling the boost
converter with constant-frequency peak-current control
and exploiting the variation of the allowed peak-current
level caused by the variable duty ratio and the stabilizing
ramp. Figure 8 shows a buck-boost converter with negative
input voltage and positive output voltage, controlled by the
TK75003. In both cases, the voltage-error amplifier is a
TL431 shunt regulator, and a PNP transistor provides
interface between the TL431 and the control IC.
FIGURE 7: TK75003 IN A LOW COST BOOST
POWER FACTOR CORRECTOR
FIGURE 8: NON-ISOLATED NEGATIVE-TO-POSITIVE
CONVERTER
APPLICATION INFORMATION (CONT.)
GND
VCC
CT
FB
DRV
Q1
VAUX
RS
TL431
+
VOUT
VIN
R1
VAUX
OC
CT
3.2 V
1.1 V
0
0.98 V
FEEDBACK VOLTAGE LEVEL
FB
CT
FB
CT
GND
VCC
CT
FB
DRV
TL431
VIN (-)
VOUT (+)
GND
VCC
CT
FB
DRV
TL431
VOUT
+
AC
IN


Similar Part No. - TK75003D

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001D TOKO-TK75001D Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001DIMG TOKO-TK75001DIMG Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001DIMG/75001 TOKO-TK75001DIMG/75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75002 TOKO-TK75002 Datasheet
77Kb / 10P
   ERROR SIGNAL ISOLATOR
More results

Similar Description - TK75003D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
logo
ON Semiconductor
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
logo
ON Semiconductor
FAN6605 ONSEMI-FAN6605 Datasheet
1Mb / 18P
   PWM Controller
January 2015 Rev. 1.0
logo
Samsung semiconductor
KA7552 SAMSUNG-KA7552 Datasheet
90Kb / 5P
   PWM CONTROLLER
logo
Princeton Technology Co...
AS2916 PTC-AS2916 Datasheet
63Kb / 8P
   PWM Controller
logo
ON Semiconductor
FAN6757 ONSEMI-FAN6757 Datasheet
1Mb / 19P
   PWM Controller
Rev. 1.0.1
logo
List of Unclassifed Man...
PT-301E ETC1-PT-301E Datasheet
117Kb / 1P
   PWM Speed Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com