Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65938MTL Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK65938MTL
Description  LARGE EL LAMP DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65938MTL Datasheet(HTML) 4 Page - TOKO, Inc

  TK65938MTL Datasheet HTML 1Page - TOKO, Inc TK65938MTL Datasheet HTML 2Page - TOKO, Inc TK65938MTL Datasheet HTML 3Page - TOKO, Inc TK65938MTL Datasheet HTML 4Page - TOKO, Inc TK65938MTL Datasheet HTML 5Page - TOKO, Inc TK65938MTL Datasheet HTML 6Page - TOKO, Inc TK65938MTL Datasheet HTML 7Page - TOKO, Inc TK65938MTL Datasheet HTML 8Page - TOKO, Inc TK65938MTL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Page 4
May 2000 TOKO, Inc.
TK6593x
TYPICAL PERFORMANCE CHARACTERISTICS
USING TEST CIRCUIT
TK65931 Voltage Waveform
TK65939 Voltage Waveform
TK65931
PEAK TO PEAK LAMP VOLTAGE
vs. SUPPLY VOLTAGE
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
6
100
120
130
140
150
L
1
= 330 µH
110
L
1
= 220 µH
TK65939
PEAK TO PEAK LAMP VOLTAGE
vs. SUPPLY VOLTAGE
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
6
100
110
120
130
140
L1 = 330 µH
L1 = 220 µH
TK65931
LAMP FREQUENCY
vs. SUPPLY VOLTAGE
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
6
190
200
210
220
230
180
TK65939
LAMP FREQUENCY
vs. SUPPLY VOLTAGE
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
6
360
380
400
420
440
460


Similar Part No. - TK65938MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65910M TOKO-TK65910M Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65910MTL TOKO-TK65910MTL Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65910MTL/A0 TOKO-TK65910MTL/A0 Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65911M TOKO-TK65911M Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65911MTL TOKO-TK65911MTL Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
More results

Similar Description - TK65938MTL

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
   EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
logo
BOWIN ELECTRONIC CO.
M3802 BOWIN-M3802 Datasheet
43Kb / 3P
   EL LAMP DRIVER CONTROLLER
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
   Dual EL Lamp Driver
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
   Dual EL Lamp Driver
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
   EL LAMP DRIVER IC
logo
TOKO, Inc
TK6591X TOKO-TK6591X Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
   EL LAMP DRIVER IC
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com