Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

319A065XMT12R Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 319A065XMT12R
Description  Self-Locking Rotatable Coupling
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319A065XMT12R Datasheet(HTML) 2 Page - Glenair, Inc.

  319A065XMT12R Datasheet HTML 1Page - Glenair, Inc. 319A065XMT12R Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H-9
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
H
TABLE I: CONNECTOR SHELL SIZE ORDER NUMBER
**Consult factory for additional entry sizes available.
Shell Size for
Connector
Designator*
A
08
10
12
14
16
18
20
22
24
F
08
10
12
14
16
18
20
22
24
H
09
11
13
15
17
19
21
23
25
F
Min
.220 (5.9)
.270 (6.9)
.350 (8.9)
.470 (11.9)
.550 (14.0)
.620 (15.7)
.700 (17.8)
.780 (19.8)
.850 (21.6)
B Dia
Max
.812 (20.6)
.938 (23.8)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
D
Max
.980 (24.9)
1.050 (26.7)
1.200 (30.5)
1.300 (33.0)
1.440 (36.6)
1.560 (39.6)
1.690 (42.9)
1.770 (45.0)
1.890 (48.0)
E
±.06 (1.5)
.265 (6.7)
.310 (7.9)
.390 (9.9)
.506 (12.9)
.591 (15.0)
.661 (16.8)
.744 (18.9)
.826 (21.0)
.896 (22.8)
G
Max
1.060 (26.9)
1.090 (27.7)
1.180 (30.0)
1.240 (31.5)
1.320 (33.5)
1.390 (35.3)
1.550 (39.4)
1.550 (39.4)
1.610 (40.9)
J
±.06 (1.5)
.940 (23.9)
.970 (24.6)
1.030 (26.2)
1.090 (27.7)
1.120 (28.4)
1.150 (29.2)
1.180 (30.0)
1.250 (31.8)
1.280 (32.5)
H Flats
Max
Min
.736 (18.7)
.860 (21.8)
.980 (24.9)
1.100 (27.9)
1.224 (31.1)
1.469 (37.3)
1.500 (38.1)
1.581 (40.2)
1.960 (49.8)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
K
Ref
.265 (6.7)
.370 (9.4)
.506 (12.9)
.580 (14.7)
.705 (17.9)
.784 (19.9)
.909 (23.1)
1.034 (26.3)
1.149 (29.2)
L
Min
7.000 (177.8)
7.000 (177.8)
7.000 (177.8)
9.000 (228.6)
11.000 (279.4)
11.000 (279.4)
11.000 (279.4)
11.000 (279.4)
11.000 (279.4)
Metric dimensions (mm) are in parentheses and are for reference only.
319-065
Self-Locking Rotatable Coupling
Composite Swing-Arm Strain Relief with
Composite EMI/RFI Shield Sock & Optional Split Ring
APPLICATION NOTES
Glenair series 600 Backshell assembly Tools are recommended for
1.
assembly and installation.
Swing Arm locks in 45° increments–Sizes 08 thru 24, additional posi-
2.
tioning increments are manufacturer's option.
Captive Screw remains engaged to the body when positioning the
3.
Arm. When tightened, the Screw shall not protrude into the inside
surfaces.
Fits Connector Designators:
4.
MIL-DTL-38999 Series I, II
(F), MIL-DTL-38999 Series III and IV (H), MIL-DTL-5015
(A), and MIL-DTL-26482 (A)
See Page H-2 for Table I: Backshell Interface Dimensions
TABLE II: FINISHES
Symbol
Finish
XB
Composite Material, No Plating,
Color Black, Brass Interface
Shroud and Adapter - Nickel
Plated
XMT*
Ni-PTFE 1000 Hour GreyTM
(Nickel-Fluorocarbon Polymer
XN
Composite Material, No Plating,
Color Black and Brown, Brass
Interface Shroud and Adapter -
Selectively Cadmium Plated
XO
Composite Material, No Plating,
Color Black and Brown, Brass
Interface Shroud and Adapter -
Nickel Plated
XW*
Cadmium Olive Drab over
Electroless Nickel
* Note: Coupling Nut, Saddle Bars
and Arms supplied unplated.


Similar Part No. - 319A065XMT12R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319A064XB08A GLENAIR-319A064XB08A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB08B GLENAIR-319A064XB08B Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB08R GLENAIR-319A064XB08R Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
319A064XB08T GLENAIR-319A064XB08T Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB10A GLENAIR-319A064XB10A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
More results

Similar Description - 319A065XMT12R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319A064XO08A GLENAIR-319A064XO08A_08 Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
620-048 GLENAIR-620-048 Datasheet
206Kb / 1P
   Self-Locking Rotatable Coupling
319-065 GLENAIR-319-065 Datasheet
255Kb / 2P
   Composite Self-Locking Rotatable Coupling
627-122 GLENAIR-627-122 Datasheet
194Kb / 2P
   Composite Self-Locking Rotatable Coupling
319-064 GLENAIR-319-064 Datasheet
200Kb / 2P
   Composite Self-Locking Rotatable Coupling
450AA029XO08 GLENAIR-450AA029XO08 Datasheet
352Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling
450AA030XM08 GLENAIR-450AA030XM08 Datasheet
354Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling and Ground Lug
440AC075NF08 GLENAIR-440AC075NF08 Datasheet
135Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AH075NF08 GLENAIR-440AH075NF08 Datasheet
52Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AC072NF08 GLENAIR-440AC072NF08 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com