Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71618SCL Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK71618SCL
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71618SCL Datasheet(HTML) 1 Page - TOKO, Inc

  TK71618SCL Datasheet HTML 1Page - TOKO, Inc TK71618SCL Datasheet HTML 2Page - TOKO, Inc TK71618SCL Datasheet HTML 3Page - TOKO, Inc TK71618SCL Datasheet HTML 4Page - TOKO, Inc TK71618SCL Datasheet HTML 5Page - TOKO, Inc TK71618SCL Datasheet HTML 6Page - TOKO, Inc TK71618SCL Datasheet HTML 7Page - TOKO, Inc TK71618SCL Datasheet HTML 8Page - TOKO, Inc TK71618SCL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
December 1999 TOKO, Inc.
Page 1
TK716xx
FEATURES
s Available in
± 2.0 % or ± 1.0 % Output Tolerance
s Active High On/Off Control
s Very Low Quiescent Current
s Very Low Dropout Voltage
s Reverse Bias Protection
s Miniature Package (SOT23-5)
s Short Circuit Switch
s High Ripple Rejection
s Very High Output Impedance (Output Off)
s Very Low Noise
BLOCK DIAGRAM
TK716xx
20P
GND
VIN
NOISE
BYPASS
VOUT
CONTROL
CONTROL
GND
VIN
VOUT
BANDGAP
REFERENCE
CONSTANT
CURRENT
SOURCE
THERMAL AND
OVERCURRENT
PROTECTION
DISCONNECT
CIRCUIT
NOISE
BYPASS
+
-
CONTROL
CIRCUIT
TK716
SCL
TK716
S I L
TK716
SCL H
ORDERING INFORMATION
TAPE/REEL CODE
L: Tape Left
TEMPERATURE CODE
C: Standard Temp. Range
I: Extended Temp. Range
PACKAGE CODE
S: SOT23-5
TOLERANCE CODE
H: 1 % Output Voltage Tolerance
(Not available in I temp code)
CAPACITOR CODE
None: Ceramic Capacitor
A: Tantalum Capacitor
Tape/Reel Code
Voltage Code
Temp. Code
Package Code
VOLTAGE CODE*
13 = 1.3 V
14 = 1.4 V
15 = 1.5 V
16 = 1.6 V
17 = 1.7 V
18 = 1.8 V
19 = 1.9 V
20 = 2.0 V
21 = 2.1 V
22 = 2.2 V
23 = 2.3 V
24 = 2.4 V
25 = 2.5 V
26 = 2.6 V
Tolerance Code
Capacitor Code
27 = 2.7 V
28 = 2.8 V
29 = 2.9 V
30 = 3.0 V
31 = 3.1 V
32 = 3.2 V
33 = 3.3 V
34 = 3.4 V
35 = 3.5 V
36 = 3.6 V
37 = 3.7 V
38 = 3.8 V
39 = 3.9 V
40 = 4.0 V
41 = 4.1 V
42 = 4.2 V
43 = 4.3 V
44 = 4.4 V
45 = 4.5 V
46 = 4.6 V
47 = 4.7 V
48 = 4.8 V
49 = 4.9 V
50 = 5.0 V
51 = 5.1 V
52 = 5.2 V
53 = 5.3 V
54 = 5.4 V
*Check Table 4
for availability.
DESCRIPTION
The TK716xx is a low dropout linear regulator housed in a
small SOT23-5 package, rated at 500 mW. The phase
compensation in the IC has been optimized to allow the
use of ceramic or tantalum output capacitors. The device
is in the “on” state when the control pin is pulled to a logic
high level. An internal PNP pass transistor is used to
achieve a low dropout voltage of 90 mV (typ.) at 50 mA
load current. This device offers high precision output
voltage of
± 2.0 % or ± 1.0 %. The low quiescent current
and dropout voltage make this part ideal for battery pow-
ered applications. This part incorporates an output discon-
nect feature to reduce the reverse bias current in the “off”
state to less than 50 nA.
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s Personal Communications Equipment
s Portable Instrumentation
s Portable Consumer Equipment
s Radio Control Systems
s Toys
s Low Voltage Systems
LOW DROPOUT VOLTAGE REGULATOR
The internal reverse bias protection eliminates the require-
ment for a reverse voltage protection diode, saving cost
and board space. The high 60 dB ripple rejection (400 Hz)
and low noise provide enhanced performance for critical
applications. An external capacitor can be connected to
the noise bypass pin to lower the output noise level to 30
µVrms.


Similar Part No. - TK71618SCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71120 TOKO-TK71120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT TOKO-TK71120NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT/120 TOKO-TK71120NT/120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125 TOKO-TK71125 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125NT TOKO-TK71125NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
More results

Similar Description - TK71618SCL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com