Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

247-070-037-S-E-02 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 247-070-037-S-E-02
Description  Micro-D Filter Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

247-070-037-S-E-02 Datasheet(HTML) 1 Page - Glenair, Inc.

  247-070-037-S-E-02 Datasheet HTML 1Page - Glenair, Inc. 247-070-037-S-E-02 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2008 Glenair, Inc.
www.glenair.com
G-8
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
CAGE Codes 06324
E-Mail: sales@glenair.com
G
247-070
Immersion Proof Micro-D Filter Connector
Right Angle (90°) Printed Circuit Board Mount
A
B
C
F E
(G)
(D)
.100 (2.5)
.100 (2.5)
.050 (1.3) TYP
.100 (2.5) TYP
.250 (6.4)
.536 (13.6)
2x .096 (2.4)
.725 +/- .025
(18.4 +/- .6)
.374 (9.5)
.187 +/- .015
(4.8 +/- .4)
.249 +/- .015
(6.3 +/- .4)
.090 (2.3)
.196 (5.0)
.018 (.46) AWG
Solder Dip Exposed Tails
T
S
Size 9-51
27°
26°
4XR .100 +/- .005
(2.5 +/- .13)
2x .129 (3.3)
.127 (3.2)
Filter Connector
Product Code
Basic
Number
Shell Size
009 - 9 Position
015 - 15 Position
021 - 21 Position 025 - 25 Position
031 - 31 Position 037 - 37 Position
Filter Class
(See Table I)
247 - 070 - 021 - P - G - 02
Contacts
P - Plug (Pin)
S - Receptacle (Socket)
Shell Plating
01 - Cadmium
02 - Nickel
04 - Gold
Immersion
Proof


Similar Part No. - 247-070-037-S-E-02

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
247-026PCA GLENAIR-247-026PCA Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCB GLENAIR-247-026PCB Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCC GLENAIR-247-026PCC Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCD GLENAIR-247-026PCD Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCE GLENAIR-247-026PCE Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
More results

Similar Description - 247-070-037-S-E-02

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
2470-1048 GLENAIR-2470-1048 Datasheet
73Kb / 1P
   Combo Micro-D Filter Connector
247-379 GLENAIR-247-379 Datasheet
191Kb / 4P
   Edge Board Micro-D Filter Connector
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
   PCB Micro-D Filter Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com