Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71525 Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK71525
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71525 Datasheet(HTML) 5 Page - TOKO, Inc

  TK71525 Datasheet HTML 1Page - TOKO, Inc TK71525 Datasheet HTML 2Page - TOKO, Inc TK71525 Datasheet HTML 3Page - TOKO, Inc TK71525 Datasheet HTML 4Page - TOKO, Inc TK71525 Datasheet HTML 5Page - TOKO, Inc TK71525 Datasheet HTML 6Page - TOKO, Inc TK71525 Datasheet HTML 7Page - TOKO, Inc TK71525 Datasheet HTML 8Page - TOKO, Inc TK71525 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
January 1999 TOKO, Inc.
Page 5
TK715xx
TYPICAL PERFORMANCE CHARACTERISTICS
T
A = 25 °C, unless otherwise specified.
TEST CIRCUIT
IOUT
VIN
VIN
VOUT
+
CIN
0.1 µF
VOUT
+
IIN
+
_
GND
CL
2.2 µF
LOAD REGULATION
IOUT (mA)
0
50
100
VOUT TYPICAL
3
5
SHORT CIRCUIT PROTECTION
IOUT (mA)
1
0
100
200
4
2
0
OUTPUT VOLTAGE VS.
INPUT VOLTAGE
VIN (V) (50 mV/DIV)
0
VIN = VOUT
VOUT TYPICAL
IOUT = 90 mA
IOUT = 0 mA
IOUT = 60 mA
IOUT = 30 mA
LINE REGULATION
VIN (V)
0
10
20
VOUT TYPICAL
60
100
REVERSE BIAS CURRENT RANGE
(VIN = 0 V)
VREV (V)
20
0
5
10
80
40
0
VOUT = 2.0 V
VOUT = 8.0 V
2
QUIESCENT CURRENT VS.
INPUT VOLTAGE
VIN (V)
0
5
10
1
0
IOUT = 0 mA
VOUT = 3 V


Similar Part No. - TK71525

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71525AS TOKO-TK71525AS Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71525ASCL TOKO-TK71525ASCL Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71525ASCL/25 TOKO-TK71525ASCL/25 Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71525

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com