Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71345 Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK71345
Description  LOW DROPOUT REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71345 Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK71345 Datasheet HTML 4Page - TOKO, Inc TK71345 Datasheet HTML 5Page - TOKO, Inc TK71345 Datasheet HTML 6Page - TOKO, Inc TK71345 Datasheet HTML 7Page - TOKO, Inc TK71345 Datasheet HTML 8Page - TOKO, Inc TK71345 Datasheet HTML 9Page - TOKO, Inc TK71345 Datasheet HTML 10Page - TOKO, Inc TK71345 Datasheet HTML 11Page - TOKO, Inc TK71345 Datasheet HTML 12Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Page 8
January 1999 TOKO, Inc.
TK713xx
TK71340 ELECTRICAL CHARACTERISTICS
Test Conditions: V
IN = 4.6 V, TA = 25 °C, unless otherwise specified.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
Q
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
V
N
I
I
,
V
6
.
4
=
T
U
O
A
m
0
=0
3
10
0
3A
µ
V
N
I
I
,
V
5
.
3
=
T
U
O
A
m
0
=4
.
10
.
3A
m
I
Y
B
T
S
t
n
e
r
r
u
C
y
b
d
n
a
t
SV
N
I
F
F
O
t
u
p
t
u
O
,
V
0
.
8
=2
10
4A
µ
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
O
d
e
t
a
l
u
g
e
RV
N
I
I
,
V
6
.
4
=
T
U
O
A
m
0
1
=8
8
.
30
0
.
42
1
.
4V
V
P
O
R
D
e
g
a
t
l
o
V
t
u
o
p
o
r
DI
T
U
O
A
m
0
3
=0
0
10
0
2V
m
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
0
0
10
6
1A
m
I
D
N
G
t
n
e
r
r
u
C
d
n
u
o
r
GV
N
I
I
,
V
6
.
4
=
T
U
O
A
m
0
3
=5
.
15
.
3A
m
g
e
R
e
n
i
Ln
o
i
t
a
l
u
g
e
R
e
n
i
LV
N
I
V
0
.
4
1
o
t
6
.
4
=0
10
3V
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
LI
T
U
O
A
m
0
6
o
t
1
=0
20
4V
m
R
Rn
o
i
t
c
e
j
e
R
e
l
p
p
i
RC
L
I
,
z
H
0
0
4
=
f
,
F
µ
3
.
3
=
T
U
O
A
m
0
1
=3
6B
d
∆V
T
U
O
/
∆T
e
r
u
t
a
r
e
p
m
e
Tt
n
e
i
c
i
f
f
e
o
C0
2
.
0C
°
/
V
m
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
N
I
M
R
E
T
L
O
R
T
N
O
C
I
T
N
O
C
t
n
e
r
r
u
C
l
o
r
t
n
o
C
V
T
N
O
C
R
,
V
0
.
1
=
T
N
O
C
0
=
,
F
F
O
t
u
p
t
u
O
3
40
6A
µ
V
T
N
O
C
R
,
V
2
.
1
=
T
N
O
C
K
0
0
1
=
,
F
F
O
t
u
p
t
u
O
5
.
4A
µ
V
)
N
O
(
T
N
O
C
N
O
e
g
a
t
l
o
V
l
o
r
t
n
o
CR
T
N
O
C
K
0
0
1
=
,
N
O
t
u
p
t
u
O4
.
0V
V
)
F
F
O
(
T
N
O
C
F
F
O
e
g
a
t
l
o
V
l
o
r
t
n
o
CR
T
N
O
C
K
0
0
1
=
,
F
F
O
t
u
p
t
u
O2
.
1V


Similar Part No. - TK71345

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71120 TOKO-TK71120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT TOKO-TK71120NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT/120 TOKO-TK71120NT/120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125 TOKO-TK71125 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125NT TOKO-TK71125NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
More results

Similar Description - TK71345

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com