Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOX750261006FE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # MOX750261006FE
Description  Precision Thick Film Axial Terminal High Voltage/High Resistance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MOX750261006FE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  MOX750261006FE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
73
ORDERING INFORMA TION
The Mini-Mox resistor is very
versatile, covering a wide
resistance range as well as a
wide range of operating volt-
ages. Provided with tolerances
down to 0.5%, the Mini-Mox
resistor works well in precision
circuits.
Specifica tion S
Material
Resistor: Metal Oxide
Coating: Silicone
Core: Alumina
Terminals: Solder-coated axial.
RoHS solder composition is 96%
Sn, 3.5% Ag, 0.5% Cu
Electrical
Resistance Range:
500
Ω to 1 Teraohm
Power Rating: 0.35W to 1.5W
Voltage Rating: 2500V to 7.5KV
Tolerance: 0.5% to 20%
Operating Temperature:
-55°C to +220°C
Temperature Coefficient:
25ppm/°C 0° to 85°C available
Mini-Mox
precision thick film axial terminal
High Voltage/High Resistance
f ea tu R e S
• Wide resistance ranges
• Silicone or epoxy coating
• Metal oxide resistive element
a pplica tion S
• Avionics
• Medical electronics
• High gain feedback applications
• Current pulse limiters
• Vacuum and space application
ohmite
Resistance
power Voltage
available
a max.
B max.
capacitance
Series
Range (ohms
@70°c
Rating tolerances*
(in/mm)
(in/mm)
(pf)
• High-temperature (silicone coated)
MOX-400-22
500
Ω to 300,000M 0.35W 2,500V 1% to 20% 0.510” / 12.95 0.160” / 4.06 1.00
MOX-750-22
750
Ω to 600,000M 0.70W 5,000V 1% to 20% 0.820” / 20.83 0.140” / 3.56 0.75
MOX1125-22
1K to 1,000,000M
1.40W
7,500V
1% to 20% 1.210” / 30.73
0.140” / 3.56
0.25
*Some tolerances are not available over the entire resistance range.
• Standard (epoxy coated)
@25°C
MOX-400-23
500
Ω to 300,000M 0.75W 2,500V 0.5% to 20% 0.580” / 14.78 0.165” / 4.19 1.00
MOX-750-23
1K to 600,000M
1.00W
5,000V 0.5% to 20% 0.880” / 22.35
0.165” / 4.19
0.75
MOX1125-23
1K to 1,000,000M
1.50W
7,500V 0.5% to 20% 1.270” / 32.26
0.165” / 4.19
0.25
Performance Da t a
Characteristic
Test Method
Specification
Humidity
MIL-STD-202, Method 103B, Condition B
±0.25%
Dielectric Withstanding Voltage
MIL-STD-202, Method 301, 750V
±0.25%
Insulation Resistance
MIL-STD-202, Method 302, Condition A or B
>10,000M or greater dry
Thermal Shock
MIL-STD-202, Method 107G, Condition B, B-1, or F ±0.20%
Load Life
MIL-STD-202, Method 108A, Condition D
±2.0%
Resistance to Solvents
MIL-STD-202, Method 215G
Acceptable for the Standard Series Only
Terminal Strength
MIL-STD-202, Method 211A, Condition A or B
±0.25%
Shock (Specified Pulse)
MIL-STD-202, Method 213B, Condition I
±0.25%
Vibration, High Frequency
MIL-STD-202, Method 204D, Condition D
±.020%
Power Conditioning
MIL-R-49462A, Par 4.8
±0.50%
Solderability
MIL-STD-202, Method 208F
>95% Coverage
St an D ar D t em P era ture/Vol t age c oefficient S of r e S i S t ance
Temp. Coeff. of Resistance*
Voltage Coeff. of Resistance**
Resistor Series
25 PPM/°C
50 PPM/°C
100 PPM/°C
< 2PPM/Volt
< 5PPM/Volt
MOX-400
1K-1,500M
1K-450M
451M-30,000M
1K-1,000M
1,001M-100,000M
MOX-750
1K-1,500M
1K-900M
901M-70,000M
1K-2,000M
2,001M-100,000M
MOX1125
1K-1,500M
1K-1,350M
1,351M-100,000M
1K-3,000M
3,001M-100,000M
*Epoxy: -55°C to 110°C; High Temp. Silicone: -55°C to 210°C
**For tighter VCs please contact Ohmite.
A
B
1.5" typ.
lead dia.
0.020" typ.
MOX1125231006F E
Mini Mox
Series
Terminal
0 = MOX-200 or 300;
MOX-200 Z or 300 Z = 50ppm
2 = 0.020"
7 = 0.032"
Style
200, 300, 400,
750, 1125
Tolerance
D= 0.5%
F= 1%
G= 2%
J= 5%
K= 10%
M= 15%
P= 20%
Coating
2 = Black silicone
3 = Epoxy
6 = No coating
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
10R2 = 10.2 ohms
1000 = 100 ohms
1503 = 150,000 ohms
E = RoHS Compliant
De R a ting
100
Ambient Temperature,
°C
60
20
0
0
100
50
175
80
40
110
°
25
75
125
150
200
210
°
Epoxy
Silicone
225
70
°
Check product availability at
www.ohmite.com


Similar Part No. - MOX750261006FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX-1-12 OHMITE-MOX-1-12 Datasheet
173Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-12 OHMITE-MOX-1-12 Datasheet
293Kb / 2P
   Medical instrumentation
MOX-1-12 OHMITE-MOX-1-12 Datasheet
293Kb / 2P
   Precision Thick Film Axial Terminal High Voltage
MOX-1-121000D OHMITE-MOX-1-121000D Datasheet
173Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-121000F OHMITE-MOX-1-121000F Datasheet
173Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
More results

Similar Description - MOX750261006FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX-1-121000D OHMITE-MOX-1-121000D Datasheet
173Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-750231005FE OHMITE-MOX-750231005FE Datasheet
213Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-121006DE OHMITE-MOX-1-121006DE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1N-131006FE OHMITE-MOX-1N-131006FE Datasheet
157Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-12 OHMITE-MOX-1-12 Datasheet
293Kb / 2P
   Precision Thick Film Axial Terminal High Voltage
MOX-200001003BER OHMITE-MOX-200001003BER Datasheet
170Kb / 1P
   0.25 Watt and 0.5 Watt Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-F-011006DE OHMITE-MOX-F-011006DE Datasheet
147Kb / 1P
   Precision Power Thick Film High Voltage/High Resistance Tubular
MC102821001JE OHMITE-MC102821001JE Datasheet
158Kb / 1P
   High Voltage/High Resistance Precision Thick Film Surface Mount
MC101 OHMITE-MC101 Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
logo
Stackpole Electronics, ...
HGC SEI-HGC Datasheet
239Kb / 4P
   Thick Film Precision High Resistance Chip Resistor
11/18/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com