Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71524 Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK71524
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71524 Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK71524 Datasheet HTML 5Page - TOKO, Inc TK71524 Datasheet HTML 6Page - TOKO, Inc TK71524 Datasheet HTML 7Page - TOKO, Inc TK71524 Datasheet HTML 8Page - TOKO, Inc TK71524 Datasheet HTML 9Page - TOKO, Inc TK71524 Datasheet HTML 10Page - TOKO, Inc TK71524 Datasheet HTML 11Page - TOKO, Inc TK71524 Datasheet HTML 12Page - TOKO, Inc TK71524 Datasheet HTML 13Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
January 1999 TOKO, Inc.
Page 11
TK715xx
In general, the capacitor should be at least 1
µF and be rated for the actual ambient operating temperature range. The
table below shows typical characteristics for several types and values of capacitance. Please note that the ESR varies
widely depending upon manufacturer, type, size, and material.
BOARD LAYOUT
Copper pattern should be as large as possible. Power dissipation is 350 mW for SOT-23-3. A low ESR capacitor is
recommended. For low temperature operation, select a capacitor with a low ESR at the lowest operating temperature
to prevent oscillation, degradation of ripple rejection and increase in noise. The minimum recommended capacitance is
2.2
µF.
The internal reverse bias protection eliminates the requirement for a reverse voltage protection diode. This saves both
cost and board space.
SOT-23-3 BOARD LAYOUT
Note: ESR is measured at 10 kHz.
ESR
Capacitance
Aluminum
Capacitor
Tantalum
Capacitor
Ceramic
Capacitor
1.0
µF
2.4
2.3
0.140
2.2
µF
2.0
1.9
0.059
3.3
µF
4.6
1.0
0.049
10
µF
1.4
0.5
0.025
APPLICATION INFORMATION (CONT.)
+
+
VIN
VOUT
GND


Similar Part No. - TK71524

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71524AS TOKO-TK71524AS Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71524ASCL TOKO-TK71524ASCL Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71524ASCL/24 TOKO-TK71524ASCL/24 Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71524

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com