Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMA-2414 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # NMA-2414
Description  NOISE MODULES 10 MHZ TO 8.5 GHZ
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

NMA-2414 Datasheet(HTML) 1 Page - Micronetics, Inc.

  NMA-2414 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
/ 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987
NMA 2400 SERIES NOISE MODULES
10 MHZ TO 8.5 GHZ
D
DESCRIPTION
ESCRIPTION
The NMA 2400 Noise Module is
ideal for applications like jamming
and built-in-test where high power
and small size are required. The
internally regulated driver provides
long term highly stable noise out-
put. Optional TTL is available for
microprocessor control.
Each NMA 2400 model is designed
for easy integration into a wide
range of equipment, from test sets
to radar units.
S
SPECIFICATIONS
PECIFICATIONS
?
Operating Temperature:
-30 to +85oC
?
Storage Temperature:
-65 to +125oC
?
Supply Voltage: +12 / +15 VDC
Internally regulated
?
Current Draw 350mA max
?
Output Impedance: 50 ohm
?
Peak Factor: 5:1
A
APPLICATIONS
PPLICATIONS
?
Frequency response built-in-test
(BIT) for communication receivers
?
Antenna/RF front end testing
?
70/140 MHz & L-Band modem
BER testing
?
Noise and interference simulation
?
Jamming / jamming simulation
?
Power distribution calibration of
multiple receiver systems
MODEL
FREQUENCY
NOISE OUTPUT LEVEL
FLATNESS *
dBm/BAND
dBm/Hz
ENR(dB)
(window)
(min)
(min)
(min)
NMA-2410
10MHz - 1.0GHz
2.0dB
0
-90.0
84.0
NMA-2411
10MHz - 1.5GHz
2.0dB
0
-91.8
82.2
NMA-2412
10MHz - 2.0GHz
3.0dB
0
-93.0
81.0
NMA-2413
10MHz - 4.0GHz
4.0dB
0
-96.0
78.0
NMA-2414
100MHz - 6.0GHz
4.0dB
-3
-100.0
74.0
NMA-2415
30MHz - 3.0GHz
3.0dB
-1
-96.0
78.0
NMA-2416
7.8GHz - 8.5GHz
2.0dB
-11
-100.0
74.0
NMA-2417
2.0GHz - 8.0GHz
4.0dB
-2
-100.0
74.0
NMA 2400 MODULES
RF SPECIFICATIONS BY MODEL NUMBER
specifications subject to change
based on technological advances
* Flatness is defined as the decibel ratio of the highest amplitude peak minus the lowest
across the frequency band.
PERFORMANCE TEST DATA
Each unit ships standard with a spectrum analyzer plot of the noise
output.
Upon special request, Micronetics can supply tabular data
in text file format on CD-ROM or floppy disk. The data
points consist of power spectral density at discrete
frequency points across the frequency band.
0 dB ENR = -174 dBm/Hz
(equ 1)
Power (dBm) = N0 +10log (BW)
(equ 2)
where:
N0 = Noise spectral density in dBm/Hz
BW = Bandwidth in Hz
1) Should be mounted to a thermally conductive baseplate
2) Select style code T for mechanical clearance of
mating SMA (m) connector nut with respect to
thermally conductive baseplate
3) Warning: when using a narrow band filter following
the noise module, use a 3 dB or greater pad to
prevent damage caused by reflected power
USEFUL NOISE CONVERSIONS
INSTALLATION NOTES
HOW TO ORDER
NMA-24xx-xxx
Model #
(see selection above)
Voltage
A = 15V
B = 12V
Option
1 = Stnd
2 = TTL
Package
S = Pkg Style S
T = Pkg Style T


Similar Part No. - NMA-2414

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA-2001 MICRONETICS-NMA-2001 Datasheet
180Kb / 1P
   NMA 2000 NOISE SOURCE SERIES
NMA-2002 MICRONETICS-NMA-2002 Datasheet
180Kb / 1P
   NMA 2000 NOISE SOURCE SERIES
NMA-2003 MICRONETICS-NMA-2003 Datasheet
180Kb / 1P
   NMA 2000 NOISE SOURCE SERIES
NMA-2004 MICRONETICS-NMA-2004 Datasheet
180Kb / 1P
   NMA 2000 NOISE SOURCE SERIES
NMA-2005 MICRONETICS-NMA-2005 Datasheet
180Kb / 1P
   NMA 2000 NOISE SOURCE SERIES
More results

Similar Description - NMA-2414

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2416-A1T MICRONETICS-NMA2416-A1T Datasheet
209Kb / 2P
   Legacy 7.8 GHz to 8.5 GHz
NMA2416-A2S MICRONETICS-NMA2416-A2S Datasheet
201Kb / 2P
   Legacy 7.8 GHz to 8.5 GHz
NST18L-A MICRONETICS-NST18L-A Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 18 GHz
NST18-A MICRONETICS-NST18-A Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 18 GHz
NMA2416-B1T MICRONETICS-NMA2416-B1T Datasheet
166Kb / 2P
   Legacy 7.8 GHz to 8.5 GHz
NST18-B MICRONETICS-NST18-B Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 18 GHz
logo
Keysight Technologies
N2002A KEYSIGHT-N2002A Datasheet
295Kb / 5P
   N2002A Noise Source Test Set 10 MHz to 26.5 GHz
logo
Micronetics, Inc.
NST18L-B MICRONETICS-NST18L-B Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 18 GHz
NMA2416-A2T MICRONETICS-NMA2416-A2T Datasheet
318Kb / 2P
   Legacy 7.8 GHz to 8.5 GHz
NMA2416-B2T MICRONETICS-NMA2416-B2T Datasheet
357Kb / 2P
   Legacy 7.8 GHz to 8.5 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com