Electronic Components Datasheet Search |
|
NMA-2413 Datasheet(PDF) 1 Page - Micronetics, Inc. |
|
NMA-2413 Datasheet(HTML) 1 Page - Micronetics, Inc. |
|
1 / 1 page / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 NMA 2400 SERIES NOISE MODULES 10 MHZ TO 8.5 GHZ D DESCRIPTION ESCRIPTION The NMA 2400 Noise Module is ideal for applications like jamming and built-in-test where high power and small size are required. The internally regulated driver provides long term highly stable noise out- put. Optional TTL is available for microprocessor control. Each NMA 2400 model is designed for easy integration into a wide range of equipment, from test sets to radar units. S SPECIFICATIONS PECIFICATIONS ? Operating Temperature: -30 to +85oC ? Storage Temperature: -65 to +125oC ? Supply Voltage: +12 / +15 VDC Internally regulated ? Current Draw 350mA max ? Output Impedance: 50 ohm ? Peak Factor: 5:1 A APPLICATIONS PPLICATIONS ? Frequency response built-in-test (BIT) for communication receivers ? Antenna/RF front end testing ? 70/140 MHz & L-Band modem BER testing ? Noise and interference simulation ? Jamming / jamming simulation ? Power distribution calibration of multiple receiver systems MODEL FREQUENCY NOISE OUTPUT LEVEL FLATNESS * dBm/BAND dBm/Hz ENR(dB) (window) (min) (min) (min) NMA-2410 10MHz - 1.0GHz 2.0dB 0 -90.0 84.0 NMA-2411 10MHz - 1.5GHz 2.0dB 0 -91.8 82.2 NMA-2412 10MHz - 2.0GHz 3.0dB 0 -93.0 81.0 NMA-2413 10MHz - 4.0GHz 4.0dB 0 -96.0 78.0 NMA-2414 100MHz - 6.0GHz 4.0dB -3 -100.0 74.0 NMA-2415 30MHz - 3.0GHz 3.0dB -1 -96.0 78.0 NMA-2416 7.8GHz - 8.5GHz 2.0dB -11 -100.0 74.0 NMA-2417 2.0GHz - 8.0GHz 4.0dB -2 -100.0 74.0 NMA 2400 MODULES RF SPECIFICATIONS BY MODEL NUMBER specifications subject to change based on technological advances * Flatness is defined as the decibel ratio of the highest amplitude peak minus the lowest across the frequency band. PERFORMANCE TEST DATA Each unit ships standard with a spectrum analyzer plot of the noise output. Upon special request, Micronetics can supply tabular data in text file format on CD-ROM or floppy disk. The data points consist of power spectral density at discrete frequency points across the frequency band. 0 dB ENR = -174 dBm/Hz (equ 1) Power (dBm) = N0 +10log (BW) (equ 2) where: N0 = Noise spectral density in dBm/Hz BW = Bandwidth in Hz 1) Should be mounted to a thermally conductive baseplate 2) Select style code T for mechanical clearance of mating SMA (m) connector nut with respect to thermally conductive baseplate 3) Warning: when using a narrow band filter following the noise module, use a 3 dB or greater pad to prevent damage caused by reflected power USEFUL NOISE CONVERSIONS INSTALLATION NOTES HOW TO ORDER NMA-24xx-xxx Model # (see selection above) Voltage A = 15V B = 12V Option 1 = Stnd 2 = TTL Package S = Pkg Style S T = Pkg Style T |
Similar Part No. - NMA-2413 |
|
Similar Description - NMA-2413 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |