Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOX-G-031006JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # MOX-G-031006JE
Description  Precision Power Thick Film High Voltage/High Resistance Tubular
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MOX-G-031006JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  MOX-G-031006JE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
75
Power-Mox Dividers
Precision Power Thick Film
High Voltage/High Resistance Tubular Dividers
The heavy duty construction
of the Power-Mox series make
them durable in most high
voltage industrial applications.
This product is well known for
its high voltage ratings, low
voltage coefficients, very high
ohmic values, and resistor
divider options. Terminations
can be selected to adapt to
most mounting schemes.
Power-Mox
Precision Power Thick Film
High Voltage/High Resistance Tubular
Fea T u R es
• Wide resistance ranges
• Outstanding voltage coefficient
• 0.4” diameter ferrule, 0.25”-20
threaded end cap, or radial
bands available
• Metal oxide resistive elements
aPP lica T ions
• Power Transmitters
• Pollution Control Systems
• Industrial Control Systems
• Current pulse limiters
• Vacuum and space application
sP eci F ica T ions
Material
Core: Ceramic.
Coating: Varnish
Electrical
Resistance Range:
20K to 1,000,000M
Power Rating: to 75W
Voltage Rating: to 60KV
Operating Temperature:
-65°C to +180°C
Temperature Coefficient:
25ppm: 0° to 85°C;
50ppm -55° to 180°C
A
B
0.5" typ.
“01” Lead
“Power-Mox RD” Series
with silver terminations
“02” Lead
“Power-Mox” Series with
radial band option
A
B
0.25"
0.75"
no. 6-32 x 0.25" screw
no. 6-32 hex nut
“04” Lead
“Power-Mox” Series with
1/4 - 20 threaded end caps
“03” Lead
“Power-Mox” Series
with Ferrule end caps
A+0.12"
0.4"
0.89"
A+0.96"
A +0.55" max.
A +0.15" max.
0.825" max.
1/4-20 threads
(2 places)
A
B
1.5" typ.
0.5" typ.
ohmite
Resistance
Power
Voltage
Maximum
Ratio
a
B
series
Range (ohms)
@25°c
Rating
Ratio
Tolerances
± 0.05
Max
MOX-FRD 20K to 2,500M
15W
15KV
5,000:1
1, 2, 5%
3.0” / 76.2
0.770” / 19.56
MOX-GRD 20K to 4,000M
30W
25KV
5,000:1
1, 2, 5%
4.5” / 114.3
0.770” / 19.56
MOX-HRD 20K to 6,000M
40W
35KV
5,000:1
1, 2, 5%
6.0” / 152.4
0.770” / 19.56
MOX-JRD 20K to 6,000M
60W
50KV
5,000:1
1, 2, 5%
8.0” / 203.2
0.770” / 19.56
POWER-MOX AL TERNA TE TERM i NAL s
ohmite
Resistance
Power
Voltage
available
a
B
series
Range (ohms)
@25°c
Rating
Tolerances
± 0.05
Max
MOX-F
1K to 800,000M
25W
20KV
0.5, 1, 2, 5
3.0” / 76.2
0.770” / 19.56
MOX-G 1.5K to 1,000,000M
40W
30KV
0.5, 1, 2, 5
4.5” / 114.3
0.770” / 19.56
MOX-H 2K to 1,000,000M
50W
45KV
0.5, 1, 2, 5
6.0” / 152.4
0.770” / 19.56
MOX-J 3K to 1,000,000M
75W
60KV
0.5, 1, 2, 5
8.0” / 203.2
0.770” / 19.56
Some tolerances are not available over the entire resistance range.
OR d ER i N g i N f ORMA T i ON
MOX-J-041006F E
Power Mox
Series
Terminal
01 = Silver termination only
02 = Radial band
03 = 0.4" Ferrule
04 = 1/4 X 20 threaded
Ferrule cap
Style
F, G, H, J
Tolerance
D= 0.5%
F= 1%
G= 2%
J= 5%
K= 10%
M= 15%
P= 20%
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
10R2 = 10.2 ohms
1000 = 100 ohms
1503 = 150,000 ohms
E = RoHS Compliant
To specify Power-Mox
Dividers, please see our website at:
www.ohmite.com/dividers
100
Ambient Temperature,
°C
60
20
0
0
100
50
80
40
150
200
180
°
25
°


Similar Part No. - MOX-G-031006JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX-GRD OHMITE-MOX-GRD Datasheet
301Kb / 2P
   Wide resistance ranges
More results

Similar Description - MOX-G-031006JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX-1-121000D OHMITE-MOX-1-121000D Datasheet
173Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-750231005FE OHMITE-MOX-750231005FE Datasheet
213Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MC102821001JE OHMITE-MC102821001JE Datasheet
158Kb / 1P
   High Voltage/High Resistance Precision Thick Film Surface Mount
MOX-1-121006DE OHMITE-MOX-1-121006DE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1N-131006FE OHMITE-MOX-1N-131006FE Datasheet
157Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX200021006DE OHMITE-MOX200021006DE Datasheet
173Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MC101 OHMITE-MC101 Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
logo
Stackpole Electronics, ...
HGC SEI-HGC Datasheet
239Kb / 4P
   Thick Film Precision High Resistance Chip Resistor
11/18/2020
logo
KOA Speer Electronics, ...
GS1DC106 KOA-GS1DC106 Datasheet
102Kb / 3P
   high voltage high resistance thick film resistors
GS12LC106J KOA-GS12LC106J Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com