Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71145 Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK71145
Description  LOW DROPOUT REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71145 Datasheet(HTML) 1 Page - TOKO, Inc

  TK71145 Datasheet HTML 1Page - TOKO, Inc TK71145 Datasheet HTML 2Page - TOKO, Inc TK71145 Datasheet HTML 3Page - TOKO, Inc TK71145 Datasheet HTML 4Page - TOKO, Inc TK71145 Datasheet HTML 5Page - TOKO, Inc TK71145 Datasheet HTML 6Page - TOKO, Inc TK71145 Datasheet HTML 7Page - TOKO, Inc TK71145 Datasheet HTML 8Page - TOKO, Inc TK71145 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2000 TOKO, Inc.
Page 1
TK711xx
VIN
VOUT
THERMAL
PROTECTION
GND
BANDGAP
REFERENCE
APPLICATIONS
s Battery Powered Systems
s Portable Consumer Equipment
s Cordless Telephones
s Personal Communications Equipment
s Radio Control Systems
s Toys
s Low Voltage Systems
FEATURES
s Low Dropout Voltage
s Low Quiescent Current
s Very Stable Output
s Short Circuit Protected
s Thermal Overload Protected
s Standard TO-92 Package
TK711xx
BLOCK DIAGRAM
PIN 1. OUTPUT
2. GROUND
3. INPUT
1
2
3
DESCRIPTION
The TK711xx is a low dropout, linear regulator housed in
a standard TO-92 package, rated at 500 mW. An internal
PNP transistor is used to achieve a low dropout voltage of
100 mV (typ.) at 30 mA load current. The TK711xx has a
low quiescent current of 130
µA (typ.) at no load. The low
quiescent current and dropout voltage make this part ideal
for battery powered applications.
ORDERING INFORMATION
TAPE/REEL CODE
NT: Tape Left
Tape/Reel Code
TK711
VoltageCode
VOLTAGE CODE
20 = 2.0 V
35 = 3.5 V
25 = 2.5 V
40 = 4.0 V
30 = 3.0 V
45 = 4.5 V
33 = 3.3 V
50 = 5.0 V
LOW DROPOUT REGULATOR
NOT RECOMMENDED
FOR NEW DESIGNS


Similar Part No. - TK71145

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71220 TOKO-TK71220 Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK71220M TOKO-TK71220M Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK71220MTL TOKO-TK71220MTL Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK71220MTL/J20 TOKO-TK71220MTL/J20 Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK71225 TOKO-TK71225 Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
More results

Similar Description - TK71145

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com