Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOX-3-121006JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # MOX-3-121006JE
Description  Precision Thick Film Axial Terminal High Voltage/High Resistance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MOX-3-121006JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  MOX-3-121006JE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
74
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Maxi-Mox resistors are also
versatile. Suitable for industrial
applications requiring still more
power for high voltage switch-
ing, industrial control, and high
voltage current limiting.
Fea tures
• Wide resistance ranges
• Voltage rating to 50KV
• Power rating to 12.5 watts
• Silicone or epoxy coating
a pplica tions
• HV power supplies
• Power distribution
• Medical instrumentation
• Avionics
s peci F ica tions
Material
Core: Alumina
Resistor: Thick Film
Terminal: RoHS solder composi-
tion is 96% Sn, 3.5% Ag, 0.5%
Cu
Electrical
Resistance Range:
250
Ω to 1 Teraohm
Power Rating: 2.0W to 12.5W
Voltage Rating: 10KV to 50KV
Tolerance: 0.5% to 20%
Operating Temperature:
-55°C to +210°C
Temperature Coefficient:
25ppm/°C 0° to 85°C available
Maxi-Mox
precision thick Film axial terminal
High Voltage/High resistance
A
B
1.5" typ.
lead dia.
0.032" typ.
ohmite
resistance
power Voltage
available
a ± 0.015”
B max. capacitance
series
range (ohms
@70°c
rating
tolerances*
(in/mm)
(in/mm)
(pf)
• High-temperature (silicone coated)
MOX-1-12 250 ohms to 300,000M
2.5W
10.0KV
1% to 20%
1.120” / 28.45
0.310” / 7.87
0.75
MOX-2-12 500 ohms to 700,000M
5.0W
20.0KV
1% to 20%
2.120” / 53.85
0.310” / 7.87
0.60
MOX-3-12 750 ohms to 1,000,000M
7.5W
30.0KV
1% to 20%
3.120” / 79.24
0.310” / 7.87
0.50
MOX-4-12
1K to 1,000,000M
10.0W
40.0KV
1% to 20% 4.120” / 104.65 0.310” / 7.87
0.40
MOX-5-12
1.25K to 1,000,000M
12.5W
50.0KV
1% to 20% 5.120” / 130.05 0.310” / 7.87
0.30
*Some tolerances are not available over the entire resistance range.
• Standard (epoxy coated)
@25°c
MOX-1-13 250 ohms to 300,000M
2.0W
10.0KV 0.1% to 20% 1.140” / 28.96
0.345” / 8.76
0.75
MOX-2-13 500 ohms to 700,000M
3.0W
20.0KV 0.1% to 20% 2.140” / 54.36
0.345” / 8.76
0.60
MOX-3-13 750 ohms to 1,000,000M
4.0W
30.0KV 0.1% to 20% 3.140” / 79.76
0.345” / 8.76
0.50
MOX-4-13
1K to 1,000,000M
5.0W
40.0KV 0.1% to 20% 4.140” / 105.16 0.345” / 8.76
0.40
MOX-5-13
1.25K to 1,000,000M
6.0W
50.0KV 0.1% to 20% 5.140” / 130.56 0.345” / 8.76
0.30
ordering informa tion
M O X - 1 - 1 3 1 0 0 6 F E
Maxi Mox
Series
Terminal
1 = 0.032"
Style
1,2,3,4,5,8
Tolerance
D = 0.5%
F = 1%
G = 2%
J = 5%
K = 10%
M = 15%
P = 20%
Coating
2 = Black silicone
3 = Epoxy
6 = No coating
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
10R2 = 10.2 ohms
1000 = 100 ohms
1503 = 150,000 ohms
E = RoHS Compliant
performance da t a
Characteristic
Test Method
Specification
Humidity
MIL-STD-202, Method 103B, Condition B
±0.25%
Dielectric Withstanding Voltage
MIL-STD-202, Method 301, 750V
±0.25%
Insulation Resistance
MIL-STD-202, Method 302, Condition A or B
>10,000 M or greater dry
Thermal Shock
MIL-STD-202, Method 107G, Condition B, B-1, or F
±0.20%
Load Life
MIL-STD-202, Method 108A, Condition D
±1.0%
Resistance to Solvents
MIL-STD-202, Method 215G
Acceptable for High Reliability Series only
Terminal Strength
MIL-STD-202, Method 211A, Condition A or B
±0.25%
Shock (Specified Pulse)
MIL-STD-202, Method 213B, Condition I
±0.25%
Vibration High Frequency
MIL-STD-202, Method 204D, Condition D
±0.20%
Power Conditioning
MIL-R-49462A, Par 4.8
±0.50%
Solderability
MIL-STD-202, Method 208F
>95% Coverage
t empera ture/Vol t age c oefficients of r esist ance
Temp. Coeff. of Resistance*
Voltage Coeff. of Resistance**
Resistor Series
25 PPM/°C
50 PPM/°C
100 PPM/°C
< 2PPM/Volt
< 5PPM/Volt
MOX-1
1K-1,500M
1K-450M
451M-30,000M
250
Ω-1,000M
1,001M-100,000M
MOX-2
1K-1,500M
1K-1,000M
1,001M-60,000M
500
Ω-2,600M
2,601M-200,000M
MOX-3
1K-1,500M
1K-1,500M
1,501M-90,000M
750
Ω-4,000M
4,001M-300,000M
MOX-4
1K-1,500M
1K-2,000M
2,001M-120,000M
1K-5,300M
5,301M-400,000M
MOX-5
1K-1,500M
1K-2,500M
2,501M-150,000M
1.25K-6,700M
6,701M-500,000M
*Epoxy: -55°C to 110°C; High Temp. Silicone: -55°C to 210°C
**For tighter VCs please contact Ohmite.
100
Ambient Temperature,
°C
60
20
0
0
100
50
175
80
40
110
°
25
75
125
150
200
210
°
Epoxy
Silicone
225
70
°
dera ting
Check product availability at
www.ohmite.com


Similar Part No. - MOX-3-121006JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX-3-12 OHMITE-MOX-3-12 Datasheet
173Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-3-12 OHMITE-MOX-3-12 Datasheet
293Kb / 2P
   Medical instrumentation
MOX-3-12 OHMITE-MOX-3-12 Datasheet
293Kb / 2P
   Precision Thick Film Axial Terminal High Voltage
More results

Similar Description - MOX-3-121006JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX-1-121000D OHMITE-MOX-1-121000D Datasheet
173Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-750231005FE OHMITE-MOX-750231005FE Datasheet
213Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1N-131006FE OHMITE-MOX-1N-131006FE Datasheet
157Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX200021006DE OHMITE-MOX200021006DE Datasheet
173Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-12 OHMITE-MOX-1-12 Datasheet
293Kb / 2P
   Precision Thick Film Axial Terminal High Voltage
MOX-200001003BER OHMITE-MOX-200001003BER Datasheet
170Kb / 1P
   0.25 Watt and 0.5 Watt Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-F-011006DE OHMITE-MOX-F-011006DE Datasheet
147Kb / 1P
   Precision Power Thick Film High Voltage/High Resistance Tubular
MC102821001JE OHMITE-MC102821001JE Datasheet
158Kb / 1P
   High Voltage/High Resistance Precision Thick Film Surface Mount
MC101 OHMITE-MC101 Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
logo
Stackpole Electronics, ...
HGC SEI-HGC Datasheet
239Kb / 4P
   Thick Film Precision High Resistance Chip Resistor
11/18/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com