Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-210HYG Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-210HYG
Description  Series 210 - side view green 572 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-210HYG Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-210HYG Datasheet HTML 1Page - OSA Opto Light GmbH OLS-210HYG Datasheet HTML 2Page - OSA Opto Light GmbH OLS-210HYG Datasheet HTML 3Page - OSA Opto Light GmbH OLS-210HYG Datasheet HTML 4Page - OSA Opto Light GmbH OLS-210HYG Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Features
- for application mounting in side view
- size 1008: 3,0(L) x 1,8(W) x 1,0(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
20
50
4
100
500
-40...85
-55...85
-40
-20
0
20
40
60
80
0
5
10
15
20
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
λd / λp*
[nm]
min
typ
OLS-210 HYG
hyper green
cathode
20
2,1
2,6
572
20
50
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 210 - side view
green 572 nm
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-210HYG

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-210HY OSA-OLS-210HY Datasheet
130Kb / 5P
   Series 210 - side view High luminous intensity
OLS-210HY-X-T OSA-OLS-210HY-X-T Datasheet
130Kb / 5P
   Series 210 - side view High luminous intensity
More results

Similar Description - OLS-210HYG

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-216HYG OSA-OLS-216HYG Datasheet
124Kb / 5P
   Series 216 - side view - low current green 572 nm
OLS-210UR OSA-OLS-210UR Datasheet
126Kb / 5P
   Series 210 - side view red 650 nm
OLS-210GB525 OSA-OLS-210GB525 Datasheet
130Kb / 5P
   Series 210 - side view green
OIS-210880 OSA-OIS-210880 Datasheet
129Kb / 5P
   Series 210 - side view IR high intensity 880 nm
OLS-210BA460 OSA-OLS-210BA460 Datasheet
131Kb / 5P
   Series 210 - side view blue
OLS-210UW OSA-OLS-210UW Datasheet
145Kb / 5P
   Series 210 - side view white
OLS-210R OSA-OLS-210R Datasheet
131Kb / 5P
   Series 210 - side view low cost
OLS-210HY OSA-OLS-210HY Datasheet
130Kb / 5P
   Series 210 - side view High luminous intensity
OLS-150HYG OSA-OLS-150HYG Datasheet
121Kb / 5P
   Series 150 - 1206 Standard green 572 nm
OLS-170HYG OSA-OLS-170HYG Datasheet
120Kb / 5P
   Series 170 - 0805 Standard green 572 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com