Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250-014Z112S-6XX Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 250-014Z112S-6XX
Description  Hermetic Receptacle, Solder Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

250-014Z112S-6XX Datasheet(HTML) 1 Page - Glenair, Inc.

  250-014Z112S-6XX Datasheet HTML 1Page - Glenair, Inc. 250-014Z112S-6XX Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2004 Glenair, Inc.
E-Mail: sales@glenair.com
C-8
HERMETIC RECEPTACLE, SOLDER
MOUNT, MIL-DTL-5015 TYPE MS3143
250-014
ø C
POLARIZING
KEY
-A-
F
E
D
C
B
A
X
K
Y
.077
.047
L
O
SOLDER CUP
EYELET
(SEE DETAIL A)
Z
N
.060 MAX
EXAMPLE:
250-014
Z1
14
-
6
P
X
BASIC PART NUMBER
MATERIAL DESIGNATION
FT - FUSED TIN OVER FERROUS STEEL
Z1 - PASSIVATED STAINLESS STEEL
SHELL SIZE
INSERT ARRANGEMENT PER MIL-STD-1651
TERMINATION TYPE
P - SOLDER CUP
X - EYELET
ALTERNATE INSERT POSITION
W, X, Y, OR Z
OMIT FOR NORMAL
HOW TO ORDER:
3. PERFORMANCE:
HERMETICITY: <1 X 10^-6 SCCHE/SEC @ 1 ATMOSPHERE DIFFERENTIAL
DIELECTRIC WITHSTANDING VOLTAGE: SEE TABLE ON SHEET #2
INSULATION RESISTANCE: 5000 MEGOHMS MIN @ 500VDC
1. MATERIAL/FINISH:
SHELL: FT - FUSED TIN OVER CARBON STEEL
Z1 - PASSIVATED STAINLESS STEEL
CONTACTS: 52 NICKEL ALLOY/ GOLD PLATE
SEALS: SILICONE ELASTOMER
INSULATION: GLASS BEADS, NOIBN
2. ASSEMBLY TO BE IDENTIFIED WITH GLENAIR'S NAME, PART
NUMBER AND DATE CODE SPACE PERMITTING.
4. GLENAIR 250-014 WILL MATE WITH ANY MIL-C-5015
SERIES THREADED COUPLING PLUG OF SAME SIZE
AND INSERT POLARIZATION
NOTES:
CONTACT
SIZE
16
12
8
4
0
X
MAX.
.219 (5.6)
.281 (7.1)
-
-
-
Y
MAX.
.375 (9.5)
.516 (13.1)
.719 (18.3)
.980 (24.9)
.980 (24.9)
Z
MIN.
.020 (0.5)
.020 (0.5)
-
-
-
V
MIN.
.065 (1.7)
.096 (2.4)
-
-
-
W
MAX.
.115 (2.9)
.190 (4.8)
-
-
-
DETAIL A
W
ø V
250-014
Hermetic Receptacle, Solder Mount
MIL-DTL-5015 Type (MS3143)


Similar Part No. - 250-014Z112S-6XX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
250-014Z114-6PW GLENAIR-250-014Z114-6PW Datasheet
458Kb / 2P
   Threaded Coupling Solder Mount Receptacle Connector
250-014Z114-6PX GLENAIR-250-014Z114-6PX Datasheet
458Kb / 2P
   Threaded Coupling Solder Mount Receptacle Connector
250-014Z114-6PY GLENAIR-250-014Z114-6PY Datasheet
458Kb / 2P
   Threaded Coupling Solder Mount Receptacle Connector
250-014Z114-6PZ GLENAIR-250-014Z114-6PZ Datasheet
458Kb / 2P
   Threaded Coupling Solder Mount Receptacle Connector
250-014Z114-6XW GLENAIR-250-014Z114-6XW Datasheet
458Kb / 2P
   Threaded Coupling Solder Mount Receptacle Connector
More results

Similar Description - 250-014Z112S-6XX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27478 GLENAIR-MS27478 Datasheet
200Kb / 1P
   Solder Mount Hermetic Receptacle
232-100-H5 GLENAIR-232-100-H5 Datasheet
250Kb / 1P
   Solder Mount Hermetic Receptacle
234-100-H5 GLENAIR-234-100-H5 Datasheet
253Kb / 1P
   Solder Mount Hermetic Receptacle
D38999-25 GLENAIR-D38999-25 Datasheet
198Kb / 1P
   Solder Mount Hermetic Receptacle
231-100-H5 GLENAIR-231-100-H5 Datasheet
250Kb / 1P
   Solder Mount Hermetic Receptacle
D38999-45 GLENAIR-D38999-45 Datasheet
205Kb / 1P
   Solder Mount Hermetic Receptacle
233-100-H5 GLENAIR-233-100-H5 Datasheet
267Kb / 1P
   Solder Mount Hermetic Receptacle
MS27471 GLENAIR-MS27471 Datasheet
198Kb / 1P
   Solder Mount Hermetic Receptacle
MS27471Y9D GLENAIR-MS27471Y9D Datasheet
446Kb / 2P
   Solder Mount Hermetic Receptacle
MS27478Y8D GLENAIR-MS27478Y8D Datasheet
447Kb / 2P
   Solder Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com