Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM102061006JE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # SM102061006JE
Description  Precision Thick Film Planar
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SM102061006JE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  SM102061006JE Datasheet HTML 1Page - Ohmite Mfg. Co. SM102061006JE Datasheet HTML 2Page - Ohmite Mfg. Co. SM102061006JE Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
69
Slim-Mox HT
High temperature thick Film precision
B
A
D
C
0.07"
1.3"
typ.
ohmite
resistance
power
Voltage
A max.
B max.
c ±0.025
D ±0.002
series
range (ohms) @25°c
rating
(in/mm)
(in/mm)
(in/mm)
(in/mm)
SLIM-MOX100
100
Ω to 500M 0.40W 1.5KV 0.20” / 5.08 0.20” / 5.08
0.10” / 2.54
0.025” / 0.635
SLIM-MOX101 100
Ω to 1,000M 0.75W 2.0KV 0.25” / 6.35 0.25” / 6.35
0.20” / 5.08
0.025” / 0.635
SLIM-MOX102 200
Ω to 5,000M 1.50W 5.0KV 0.25” / 6.35 0.50” / 12.70 0.40” / 10.16 0.032” / 0.813
SLIM-MOX103 250
Ω to 5,000M 2.00W 7.5KV 0.25” / 6.35 0.75” / 19.05 0.60” / 15.24 0.032” / 0.813
SLIM-MOX104 500
Ω to 5,000M 2.50W 10.0KV 0.25” / 6.35 1.00” / 25.40 0.90” / 22.86 0.032” / 0.813
SLIM-MOX106 750
Ω to 5,000M 3.25W 15.0KV 0.25” / 6.35 1.50” / 38.10 1.40” / 35.56 0.032” / 0.813
SLIM-MOX108
1K to 5,000M 4.25W 20.0KV
0.25” / 6.35 2.00” / 50.80
1.90” / 48.26
0.032” / 0.813
SLIM-MOX202 500
Ω to 5,000M 2.50W 5.0KV 0.50” / 12.70 0.50” / 12.70 0.40” / 10.16 0.032” / 0.813
SLIM-MOX204
1K to 5,000M 3.25W 10.0KV 0.50” / 12.70 1.00” / 38.10
0.90” / 22.86
0.032” / 0.813
SLIM-MOX206
2K to 5,000M 4.25W 15.0KV 0.50” / 12.70 1.50” / 38.10
1.40” / 35.56
0.032” / 0.813
SLIM-MOX208
2K to 5,000M 5.00W 20.0KV 0.50” / 12.70 2.00” / 50.80
1.90” / 48.26
0.032” / 0.813
SLIM-MOX210
3K to 5,000M 5.75W 25.0KV 0.50” / 12.70 2.50” / 63.50
2.40” / 60.96
0.032” / 0.813
SLIM-MOX306
3K to 5,000M 5.50W 15.0KV 0.75” / 19.05 1.50” / 38.10
1.40” / 35.56
0.032” / 0.813
SLIM-MOX308
4K to 5,000M 6.75W 20.0KV 0.75” / 19.05 2.00” / 50.80
1.90” / 48.26
0.032” / 0.813
SLIM-MOX310
5K to 5,000M 7.50W 25.0KV 0.75” / 19.05 2.50” / 63.50
2.40” / 60.96
0.032” / 0.813
SLIM-MOX404
3K to 5,000M 5.00W 10.0KV 1.00” / 25.40 1.00” / 25.40
0.90” / 22.86
0.032” / 0.813
SLIM-MOX408
5K to 5,000M 8.25W 20.0KV 1.00” / 25.40 2.00” / 50.80
1.90” / 48.26
0.032” / 0.813
SLIM-MOX410
5K to 5,000M 9.00W 25.0KV 1.00” / 25.40 2.50” / 63.50
2.40” / 60.96
0.032” / 0.813
Contact Ohmite for custom configurations.
The Slim-Mox HT provides a
higher power rating for high
ambient temperature environ-
ments. Appropriate for mount-
ing near heat generating com-
ponents. The Slim-Mox HT is
finished with a rugged silicone
coating suitable for most envi-
ronments.
Fe A tures
• Outstanding voltage coefficient
• High temperature silicone
coating
• Low resistor noise
• Noninductive
• Custom configurations are
available. Contact Ohmite with
your specifications
• RoHS compliant
• Radial Terminals
Applic A tions
• HV power supplies
• Medical instrumentation
• Current pulse limiters
• Ionization chambers
s peci F ic A tions
Material
Resistor Element: Thick film on
Alumina
Coating: Silicone
Electrical
Resistance Range:
100
Ω to 5,000M
Power Rating: 0.25W to 9.0W
Voltage Rating: 1.5KV to 25KV
Tolerance: 0.5% to 20%
Operating Temperature:
-55°C to +180°C
Slim-Mox HT Divider
High temperature thick Film Voltage Divider
B
A
C
0.07"
1.3"
typ.
E
Slim-Mox HT RD resistor
dividers complete the Slim-
Mox family with the high tem-
perature divider configuration.
These resistors are useful
wherever multiple voltage
drops are needed in a circuit.
Designed to customer specifi-
cations, the Slim-Mox HT RD
resistor utilizes our thick film
on alumina technology to offer
flexible termination schemes.
Fe A tures
• High Temperature Operation
• RoHS compliant
• Radial Terminals
s peci F ic A tions
Material
Resistor: Thick film on Alumina
Electrical
• Ratiotolerances: 0.5% to 5%
• Temp.coefficienttracking:
TCR tracking to 10ppm and VCR
tracking to 1ppm
• Custom ratios and terminal con-
figurations are available. Contact
your Tech. Sales Rep with your
specification.
ohmite
resistance
power
Voltage Maximum
c ±0.025
e ±0.025
series
range (ohms) @25°c
rating
ratio
(in/mm)
(in/mm)
SLIM-MOX103RD 1M to 5,000M 1.25W
5.0KV
5,000 : 1
0.60” / 15.24
0.20” / 5.08
SLIM-MOX104RD 1M to 5,000M 1.50W 10.0KV
5,000 : 1
0.90” / 22.86
0.20” / 5.08
SLIM-MOX106RD 1M to 5,000M 2.50W 12.0KV
5,000 : 1
1.40” / 35.56
0.20” / 5.08
SLIM-MOX108RD 1M to 5,000M 3.25W 15.0KV
5,000 : 1
0.90” / 22.86
0.60” / 15.24
SLIM-MOX204RD 1M to 5,000M 2.50W 10.0KV
5,000 : 1
0.90” / 22.86
0.20” / 5.08
SLIM-MOX206RD 1M to 5,000M 3.25W 12.0KV
5,000 : 1
1.40” / 35.56
0.20” / 5.08
SLIM-MOX208RD 1M to 5,000M 4.25W 20.0KV
5,000 : 1
1.90” / 48.26
0.40” / 10.16
SLIM-MOX210RD 1M to 5,000M 5.00W 25.0KV
5,000 : 1
2.40” / 60.96
0.20” / 5.08
SLIM-MOX306RD 1M to 5,000M 4.50W 12.0KV
5,000 : 1
1.40” / 35.56
0.30” / 7.62
SLIM-MOX308RD 1M to 5,000M 5.00W 20.0KV
5,000 : 1
1.90” / 48.26
0.30” / 7.62
SLIM-MOX310RD 1M to 5,000M 5.75W 25.0KV
5,000 : 1
2.40” / 60.96
0.20” / 5.08
SLIM-MOX408RD 1M to 5,000M 6.75W 20.0KV
5,000 : 1
1.90” / 48.26
0.30” / 7.62
SLIM-MOX410RD 1M to 5,000M 7.50W 25.0KV
5,000 : 1
2.40” / 60.96
0.20” / 5.08
Contact Ohmite for custom configurations.
A complete description of the SLIM-MOX
Divider is required. EXAMPLE:
RT = 500MΩ 5%
R1 = 499.5MΩ 5%
R2 = 500KΩ 1%
Ratio = RT / R2 = 1,000: 1, 1%
To specify Slim-Mox Dividers, please see our website at:
www.ohmite.com/dividers


Similar Part No. - SM102061006JE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10200C SECOS-SM10200C Datasheet
311Kb / 2P
   Voltage 200V 10.0 Amp Schottky Barrier Rectifiers
SM10200D SECOS-SM10200D Datasheet
249Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1 Datasheet
265Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1 Datasheet
790Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_10 Datasheet
790Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SM102061006JE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-3EKF6800V PANASONIC-ERJ-3EKF6800V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com