Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-176HY-CD-T Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OLS-176HY-CD-T
Description  Series 176 - 0805 low current High luminous intensity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-176HY-CD-T Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OLS-176HY-CD-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-176HY-CD-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-176HY-CD-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-176HY-CD-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-176HY-CD-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
edition 10/06
© 2006
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OLS-176 ?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
3000
12000
Tape And Reel Packing


Similar Part No. - OLS-176HY-CD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-176HYG OSA-OLS-176HYG Datasheet
119Kb / 5P
   Series 176 - 0805 low current green 572 nm
OLS-176HYG-C-T OSA-OLS-176HYG-C-T Datasheet
119Kb / 5P
   Series 176 - 0805 low current green 572 nm
OLS-176HYG-CD-T OSA-OLS-176HYG-CD-T Datasheet
119Kb / 5P
   Series 176 - 0805 low current green 572 nm
OLS-176HYG-X-T OSA-OLS-176HYG-X-T Datasheet
119Kb / 5P
   Series 176 - 0805 low current green 572 nm
OLS-176HYG-XD-T OSA-OLS-176HYG-XD-T Datasheet
119Kb / 5P
   Series 176 - 0805 low current green 572 nm
More results

Similar Description - OLS-176HY-CD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-170HY OSA-OLS-170HY Datasheet
125Kb / 5P
   Series 170 - 0805 Standard High luminous intensity
OLS-176R OSA-OLS-176R Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-156HY OSA-OLS-156HY Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-172HY OSA-OLS-172HY Datasheet
125Kb / 5P
   Series 172 - 0805 - Bipolar monocolor High luminous intensity
OLS-180HY OSA-OLS-180HY Datasheet
124Kb / 5P
   Series 180 - 0805 lower height High luminous intensity
OLS-216HY OSA-OLS-216HY Datasheet
128Kb / 5P
   Series 216 - side view - low current High luminous intensity
OLS-158HY OSA-OLS-158HY Datasheet
131Kb / 5P
   Series 158 - 1206 Bipolar low current High luminous intensity
OLS-336HY OSA-OLS-336HY Datasheet
132Kb / 5P
   Series 336 - with Lens - low current High luminous intensity
OLS-176HYG OSA-OLS-176HYG Datasheet
119Kb / 5P
   Series 176 - 0805 low current green 572 nm
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com