Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-034-4-15SP Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-034-4-15SP
Description  Micro-D Filter Connectors Right Angle Printed Circuit Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-034-4-15SP Datasheet(HTML) 2 Page - Glenair, Inc.

  240-034-4-15SP Datasheet HTML 1Page - Glenair, Inc. 240-034-4-15SP Datasheet HTML 2Page - Glenair, Inc. 240-034-4-15SP Datasheet HTML 3Page - Glenair, Inc. 240-034-4-15SP Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-16
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Micro-D Filter Connectors
Right Angle Printed Circuit Board
�#2-56 UNC-2B THREADS
A
B
C
D
E
TAIL LENGTH ±
.015 (0.38)
2X MOUNTING HOLES .096 DIA. ± .003 (2.44 ± 0.08)
OR OPTIONAL #2-56 UNC 2B THREADED INSERTS
H
J
CONFIGURATION FOR 31-37 CONTACTS
PI FILTER 1.140 (28.96) MAX.
C FILTER .840 (21.34) MAX.
CONFIGURATION FOR 9-25 CONTACTS
2X MOUNTING HOLES.096 DIA. ± .003 (2.44 ± 0.08)
OR OPTIONAL 2-26 UNC 2B THREADED INSERTS
F
J
H
PI FILTER 1.140 (28.96) MAX.
C FILTER .840 (21.34) MAX.
DIMENsIoNs
C Filter
Pi Filter
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
H
J
H
J
In.
mm.
In.
±.003
mm.
± 0.08 In.
mm.
In.
mm.
In.
mm.
In.
±.004
mm.
± 0.10 In.
mm.
In.
±.010
mm.
±0.25
In.
±.010
mm.
±0.25
In.
±.010
mm.
±0.25
In.
±.010
mm.
±0.25
9P
.785 19.94 .565 14.35 .333 8.46 .184 4.67 .310 7.87 .183 4.65 .420 10.67 .440 11.18 .460 11.68 .740 18.80 .760 19.30
9s
.785 19.94 .565 14.35 .400 10.16 .250 6.35 .310 7.87 .195 4.95 .420 10.67 .440 11.18 .460 11.68 .740 18.80 .760 19.30
15P
.935 23.75 .715 18.16 .483 12.27 .184 4.67 .310 7.87 .183 4.65 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
15s
.935 23.75 .715 18.16 .551 14.00 .250 6.35 .310 7.87 .195 4.95 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
21P
1.085 27.56 .865 21.97 .633 16.08 .184 4.67 .310 7.87 .183 4.65 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
21s
1.085 27.56 .865 21.97 .701 17.81 .250 6.35 .310 7.87 .195 4.95 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
25P
1.185 30.01 .965 24.51 .733 18.62 .184 4.67 .310 7.87 .183 4.65 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
25s
1.185 30.01 .965 24.51 .801 20.35 .250 6.35 .310 7.87 .195 4.95 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
31P
1.335 33.91 1.115 28.32 .883 22.43 .184 4.67 .310 7.87 .183 4.65 .520 13.21 .340 8.64 .460 11.68 .640 16.26 .760 19.30
31s
1.335 33.91 1.115 28.32 .951 24.16 .250 6.35 .310 7.87 .195 4.95 .520 13.21 .340 8.64 .460 11.68 .640 16.26 .760 19.30
37P
1.485 37.72 1.265 32.13 1.033 26.24 .184 4.67 .310 7.87 .183 4.65 .520 13.21 .340 8.64 .460 11.68 .640 16.26 .760 19.30
37s
1.485 37.72 1.265 32.13 1.101 27.96 .250 6.35 .310 7.87 .195 4.95 .520 13.21 .340 8.64 .460 11.68 .640 16.26 .760 19.30


Similar Part No. - 240-034-4-15SP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-034-1-15PCA GLENAIR-240-034-1-15PCA Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-034-1-15PPA GLENAIR-240-034-1-15PPA Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-034-1-15SCA GLENAIR-240-034-1-15SCA Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-034-1-15SPA GLENAIR-240-034-1-15SPA Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-034-1-21PCA GLENAIR-240-034-1-21PCA Datasheet
499Kb / 4P
   Micro-D Filter Connectors
More results

Similar Description - 240-034-4-15SP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-03119PC GLENAIR-240-03119PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
MWDM1L-9PCBSNN GLENAIR-MWDM1L-9PCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
790-036PD-7P2MNA GLENAIR-790-036PD-7P2MNA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-041PJ25P2M GLENAIR-790-041PJ25P2M Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-042S-L6P6ME GLENAIR-790-042S-L6P6ME Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-037SH-5P5MENA GLENAIR-790-037SH-5P5MENA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBRP GLENAIR-MWDM1L-9PCBRP Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PBRP GLENAIR-MWDM1L-9PBRP Datasheet
477Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
GRPM GLENAIR-GRPM Datasheet
314Kb / 2P
   Micro-D GRPM-CBR Right Angle Rear Panel Mount Wide Flange Printed Circuit Board Connectors
Rev. 3.16.20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com