Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65928M Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK65928M
Description  MEDIUM EL LAMP DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65928M Datasheet(HTML) 2 Page - TOKO, Inc

  TK65928M Datasheet HTML 1Page - TOKO, Inc TK65928M Datasheet HTML 2Page - TOKO, Inc TK65928M Datasheet HTML 3Page - TOKO, Inc TK65928M Datasheet HTML 4Page - TOKO, Inc TK65928M Datasheet HTML 5Page - TOKO, Inc TK65928M Datasheet HTML 6Page - TOKO, Inc TK65928M Datasheet HTML 7Page - TOKO, Inc TK65928M Datasheet HTML 8Page - TOKO, Inc TK65928M Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Page 2
May 2000 TOKO, Inc.
TK6592x
Note 1: Power dissipation is 600 mW when mounted as recommended (200 mW In Free Air). Derate at 4.8 mW/
°C for operation above 25 °C.
Note 2: Converter supply current is dependent upon the DC resistance of inductor L
1. Lower DC resistances will result in lower supply currents.
Note 3: When using test circuit below.
Gen. Note: Refer to “INDUCTOR VALUE SELECTION” and “INDUCTOR TYPE SELECTION” of Design Considerations Section for choosing
inductor.
TK6592x ELECTRICAL CHARACTERISTICS
V
CC = 3.6 V, TA = Tj = 25 °C, unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
V
CC Pin .................................................................... 6.5 V
All Pins Except V
CC and GND ............................... VCLAMP
Power Dissipation (Note 1) ................................ 600 mW
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................... -30 to +80
°C
Junction Temperature ........................................... 150
°C
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
V
CC
Input Supply Range
2.7
3.6
6
V
I
Q
Quiescent Current
Current into pin 6
200
µA
I
PEAK
Peak Current Threshold
44
52
60
mA
F
LAMP
Lamp Frequency
See Table 1
Hz
F
BOOST
Boost Frequency
See Table 2
kHz
V
CLAMP
Boost Clamp Voltage
Force 100 µA into HV pin
90
105
120
V
D
(MAX)
Maximum Duty Cycle
88
92
96
%
V
OUT
Peak to Peak Lamp Voltage
(Note 3)
125
140
155
V
I
CONV
Converter Supply Current
(Notes 2, 3)
See Table 3
mA
TEST CIRCUIT
CEL
12 nF
VCC
C1
47 nF
D1
EL +
HV
GND
IND
EL -
VCC
L1
680 µH
ICONV
Note: L
1 = Toko Low Profile D52FU Series: 875FU-681 M
D
1 = DIODES INC. DL4148
C
1 = AVX 12061C473KAT2A


Similar Part No. - TK65928M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65910M TOKO-TK65910M Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65910MTL TOKO-TK65910MTL Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65910MTL/A0 TOKO-TK65910MTL/A0 Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65911M TOKO-TK65911M Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65911MTL TOKO-TK65911MTL Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
More results

Similar Description - TK65928M

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
   EL Lamp Driver
logo
BOWIN ELECTRONIC CO.
M3802 BOWIN-M3802 Datasheet
43Kb / 3P
   EL LAMP DRIVER CONTROLLER
logo
TOKO, Inc
TK6593X TOKO-TK6593X Datasheet
194Kb / 16P
   LARGE EL LAMP DRIVER
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
   Dual EL Lamp Driver
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
   Dual EL Lamp Driver
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
   EL LAMP DRIVER IC
logo
TOKO, Inc
TK6591X TOKO-TK6591X Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
   EL LAMP DRIVER IC
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com