Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65919M Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK65919M
Description  SMALL EL LAMP DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65919M Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK65919M Datasheet HTML 4Page - TOKO, Inc TK65919M Datasheet HTML 5Page - TOKO, Inc TK65919M Datasheet HTML 6Page - TOKO, Inc TK65919M Datasheet HTML 7Page - TOKO, Inc TK65919M Datasheet HTML 8Page - TOKO, Inc TK65919M Datasheet HTML 9Page - TOKO, Inc TK65919M Datasheet HTML 10Page - TOKO, Inc TK65919M Datasheet HTML 11Page - TOKO, Inc TK65919M Datasheet HTML 12Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Page 8
May 2000 TOKO, Inc.
TK6591x
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
USING D
(MAX) TEST CIRCUIT
TK65911
MAXIMUM DUTY CYCLE
vs. TEMPERATURE
TEMPERATURE(
°C)
-50 -25
0
25
50
75
100 125
90
91
92
93
94
95
TK65919
MAXIMUM DUTY CYCLE
vs. TEMPERATURE
TEMPERATURE (
°C)
-50 -25
0
25
50
75
100 125
90
91
92
93
94
95
D
(MAX) TEST CIRCUIT
Note: R
1 = 470 Ω
VCC
EL +
HV
GND
IND
EL -
VCC
R1
TK65911
MAXIMUM DUTY CYCLE
vs. SUPPLY VOLTAGE
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
6
90
91
92
93
94
95
TK65919
MAXIMUM DUTY CYCLE
vs. SUPPLY VOLTAGE
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
6
90
91
92
93
94
95


Similar Part No. - TK65919M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65920M TOKO-TK65920M Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65920MTL TOKO-TK65920MTL Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65920MTL/B0 TOKO-TK65920MTL/B0 Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65921M TOKO-TK65921M Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65921MTL TOKO-TK65921MTL Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
More results

Similar Description - TK65919M

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
   EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
logo
BOWIN ELECTRONIC CO.
M3802 BOWIN-M3802 Datasheet
43Kb / 3P
   EL LAMP DRIVER CONTROLLER
logo
TOKO, Inc
TK6593X TOKO-TK6593X Datasheet
194Kb / 16P
   LARGE EL LAMP DRIVER
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
   Dual EL Lamp Driver
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
   Dual EL Lamp Driver
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
   EL LAMP DRIVER IC
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
   EL LAMP DRIVER IC
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com