Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250-005N20-5 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 250-005N20-5
Description  Shorting Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

250-005N20-5 Datasheet(HTML) 1 Page - Glenair, Inc.

  250-005N20-5 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
D-29
D
250-005
Shorting Plug
MIL-DTL-38999 Series II Type
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A
MAX
ALTERNATE KEYWAY POSITIONS
NA
AA
BA
CA
DA
08
.750(19.1)
100A
82A
-
-
118A
10
.859(21.8)
100A
86A
72A
128A
114A
12
1.031(26.2)
100A
80A
68A
132A
120A
14
1.156(29.4)
100A
79A
66A
134A
121A
16
1.281(32.5)
100A
82A
70A
130A
118A
18
1.406(35.7)
100A
82A
72A
130A
118A
20
1.531(38.9)
100A
82A
70A
130A
118A
22
1.641(41.7)
100A
85A
74A
126A
115A
24
1.766(44.9)
100A
85A
74A
126A
115A
1.00 Max
A
Over Knurl
Socket Insert
Knurl Style MFR Option
Coupling Marked
“Remove Before Test”
For Z12 Plating Only
CA
DA
NA
AA
BA
Figure 1
Master Keyway Position
Face View Shown
Insert Arrangement Does
Not Rotate With Master Keyway
APPLICATION NOTES
Assembly identified with manufacturer’s name, part number
1.
and date code.
All contacts are shorted to each other and to the shell,
2.
max resistance between contacts and shall shall be 2.5
milliohms.
Material/Finish:
3.
Barrel, coupling nut, cover—aluminum alloy/see Table II
Contacts, grounding ring—copper alloy/gold plate
Grounding wafer—copper/tin plate
Wave washer—CRES/passivate
Insulators—high grade rigid dielectric/N.A.
Metric Dimensions (mm) are indicated in parentheses.
4.
Product Series
Basic Number
250 - 005 NF 10 - 5
S
A
Finish
See Table II
Shell Size
08
10
12
14
16
18
20
22
24
Contact Style
P - Pin
S - Socket
Alternate Key
Position
A, B, C, D,
(N = Normal)
TABLE II: FINISH
SYM
FINISH
M
Electroless Nickel
MT
Ni-PTFE 1000 Hour GreyTM
(Nickel-Fluorocarbon Polymer)
NF
Cadmium O.D. Over
Electroless Nickel
N
Cadmium O.D. Over
Nickel Plate
Insert Arrangement
Per MIL-DTL-38999 Series II
MIL-STD-1560


Similar Part No. - 250-005N20-5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
250-005 GLENAIR-250-005 Datasheet
193Kb / 1P
   Shorting Plug
More results

Similar Description - 250-005N20-5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
250-005 GLENAIR-250-005 Datasheet
193Kb / 1P
   Shorting Plug
250-009NF08-5 GLENAIR-250-009NF08-5 Datasheet
396Kb / 1P
   Shorting Plug
logo
Rosenberger Hochfrequen...
32Z111-000L5 ROSENBERGER-32Z111-000L5 Datasheet
219Kb / 2P
   SHORTING CAP PLUG
logo
Glenair, Inc.
177-007-9P1BN4-06 GLENAIR-177-007-9P1BN4-06_11 Datasheet
180Kb / 1P
   Shorting Plug Assembly
logo
Rosenberger Hochfrequen...
53Z111-000N5 ROSENBERGER-53Z111-000N5 Datasheet
50Kb / 2P
   SHORTING CAP PLUG
logo
Winchester Electronics ...
SDKC-89-93 WINCHESTER-SDKC-89-93 Datasheet
67Kb / 1P
   SHORTING PLUG AND CHAIN
logo
Pomona Electronics
5088 POMONA-5088 Datasheet
35Kb / 1P
   SMA Male Shorting Plug
logo
Adam Technologies, Inc.
MSM508-G-BK ADAM-TECH-MSM508-G-BK Datasheet
75Kb / 1P
   SHORTING PLUG GOLD PLATED
logo
Glenair, Inc.
177-007-9P1BN4-06 GLENAIR-177-007-9P1BN4-06 Datasheet
104Kb / 1P
   Shorting Plug Assembly 177-007
logo
Pomona Electronics
3452 POMONA-3452 Datasheet
30Kb / 1P
   Shorting Bar Pin Tip Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com