Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK70403M Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK70403M
Description  1.03 V REGULATOR WITH ON/OFF SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK70403M Datasheet(HTML) 5 Page - TOKO, Inc

  TK70403M Datasheet HTML 1Page - TOKO, Inc TK70403M Datasheet HTML 2Page - TOKO, Inc TK70403M Datasheet HTML 3Page - TOKO, Inc TK70403M Datasheet HTML 4Page - TOKO, Inc TK70403M Datasheet HTML 5Page - TOKO, Inc TK70403M Datasheet HTML 6Page - TOKO, Inc TK70403M Datasheet HTML 7Page - TOKO, Inc TK70403M Datasheet HTML 8Page - TOKO, Inc TK70403M Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
January 1999 TOKO, Inc.
Page 5
TK70403
CONTROL VOLTAGE (ON) VS.
TEMPERATURE
TA (°C)
-20
0
20
40
60
80
1000
800
600
400
0
200
GROUND CURRENT VS.
TEMPERATURE
TA (°C)
-20
0
20
40
60
80
300
250
200
150
0
100
50
IOUT = 10 mA
IOUT = 5 mA
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.


Similar Part No. - TK70403M

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
   High Capacity Toggle Switches up to 20A
logo
TOKO, Inc
TK70001 TOKO-TK70001 Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001M TOKO-TK70001M Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB TOKO-TK70001MCB Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB/01S TOKO-TK70001MCB/01S Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
More results

Similar Description - TK70403M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK702XX TOKO-TK702XX Datasheet
117Kb / 6P
   1.03 V REGULATOR WITH ON/OFF SWITCH
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com