Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65427 Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK65427
Description  STEP-DOWN CONVERTER WITH BATTERY MONITOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65427 Datasheet(HTML) 2 Page - TOKO, Inc

  TK65427 Datasheet HTML 1Page - TOKO, Inc TK65427 Datasheet HTML 2Page - TOKO, Inc TK65427 Datasheet HTML 3Page - TOKO, Inc TK65427 Datasheet HTML 4Page - TOKO, Inc TK65427 Datasheet HTML 5Page - TOKO, Inc TK65427 Datasheet HTML 6Page - TOKO, Inc TK65427 Datasheet HTML 7Page - TOKO, Inc TK65427 Datasheet HTML 8Page - TOKO, Inc TK65427 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Page 2
TK654xx
September 1999 TOKO, Inc.
ADVANCED INFORMATION
ABSOLUTE MAXIMUM RATINGS
All Pins Except GND ............................................... 6.5 V
Power Dissipation (Note 1) ................................ 400 mW
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................... -20 to +80
°C
Junction Temperature ........................................... 150
°C
Lead Soldering Temperature (10 s.) ..................... 235
°C
TK654xx ELECTRICAL CHARACTERISTICS
Test conditions: V
IN = 5 V, IOUT = 1 mA, TA = TJ = Full Operating Temperature Range, unless otherwise specified.
Note 1: Power dissipation is 400 mW when mounted as recommended. Derate at 3.2 mW/
°C for operation above 25 °C. Power dissipation is 200
mW in Free Air. Derate at 1.6 mW/
°C for operation above 25 °C
Note 2: V
REG = 3.3, 3.0, 2.7, 2.5, 2.4, 2.1, 1.8 V.
Note 3: When using test circuit.
Note 4: When using test circuit and ramping V
IN down.
Note 5: When using test circuit with SB pin resistors removed and tied to V
IN. (VIN = 1.8 V)
Note 6: When using test circuit with SB pin resistors removed and tied to V
IN. (VIN = 3.3 V)
P
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
V
N
I
e
g
a
t
l
o
V
t
u
p
n
I2
6
V
V
)
G
E
R
(
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
O
T
A
T
=
J
)
2
e
t
o
N
(
C
°
5
2
=%
3
-V
G
E
R
%
3V
%
5
-%
5
+V
∆V
)
D
A
O
L
(
T
U
O
n
o
i
t
a
l
u
g
e
R
d
a
o
LI
D
A
O
L
)
3
e
t
o
N
(
,
A
m
0
0
1
o
t
0
=5
40
2
1V
m
∆V
)
E
N
I
L
(
T
U
O
n
o
i
t
a
l
u
g
e
R
e
n
i
LV
N
I
)
3
e
t
o
N
(
,
V
6
o
t
4
=6
0
2V
m
I
)
T
U
O
V
(
Q
V
o
t
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
T
U
O
n
i
P
V
T
U
O
V
=
)
G
E
R
(
T
U
O
V
m
0
5
+
)
3
e
t
o
N
(
0
10
5A
µ
I
)
N
I
V
(
Q
V
o
t
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
N
I
n
i
PV
T
U
O
V
=
)
G
E
R
(
T
U
O
V
m
0
5
+5
15
6A
µ
V
)
I
B
L
(
H
T
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
B
LT
A
T
=
J
C
°
5
2
=7
5
1
.
12
2
.
12
8
2
.
1V
V
)
B
S
(
H
T
d
l
o
h
s
e
r
h
T
y
b
d
n
a
t
ST
A
T
=
J
C
°
5
2
=7
5
1
.
12
2
.
12
8
2
.
1V
I
)
B
S
(
B
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
B
S
3
e
t
o
N0
A
n
V
(
t
a
4
e
t
o
N
)
B
S
(
H
T
)
V
m
0
0
1
-0
0
40
2
70
0
0
1A
n
I
)
X
A
M
(
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
m
u
m
i
x
a
M)
3
e
t
o
N
(0
0
1A
m
I
)
C
S
(
T
U
O
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
S)
3
e
t
o
N
(0
5
2A
m
I
)
V
N
O
C
(
Q
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
r
e
t
r
e
v
n
o
CI
)
3
e
t
o
N
(
T
U
O
A
m
0
=4
20
9A
µ
I
Y
B
T
S
t
n
e
r
r
u
C
y
b
d
n
a
t
S
r
e
t
r
e
v
n
o
Cn
e
p
o
1
n
i
P
,
V
0
=
n
i
p
B
S8
15
6A
µ
F
F
Ey
c
n
e
i
c
i
f
f
E
r
e
t
r
e
v
n
o
C
I
T
U
O
)
3
e
t
o
N
(
,
A
m
0
5
=
T
A
T
=
J
)
8
1
4
5
6
K
T
(
C
°
5
2
=
6
81
9%
I
T
U
O
)
3
e
t
o
N
(
,
A
m
0
5
=
T
A
T
=
J
)
3
3
4
5
6
K
T
(
C
°
5
2
=
0
95
9%
V
P
O
R
D
e
g
a
t
l
o
V
t
u
o
p
o
r
D
I
T
U
O
)
5
e
t
o
N
(
,
A
m
0
5
=
T
A
T
=
J
)
8
1
4
5
6
K
T
(
C
°
5
2
=
0
0
15
9
1V
m
I
T
U
O
)
6
e
t
o
N
(
,
A
m
0
5
=
T
A
T
=
J
)
3
3
4
5
6
K
T
(
C
°
5
2
=
5
75
4
1V
m


Similar Part No. - TK65427

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65427

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
ams AG
AS1346 AMSCO-AS1346 Datasheet
657Kb / 16P
   Dual Step-Down Converter with Battery Monitoring
logo
Asahi Kasei Microsystem...
AK7903 AKM-AK7903 Datasheet
372Kb / 10P
   DCDC Step-down Converter for NiH2 Battery
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774 Datasheet
398Kb / 21P
   Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover
19-1810; Rev 1; 1/02
logo
ams AG
AS7620 AMSCO-AS7620 Datasheet
623Kb / 2P
   500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
AS7620 AMSCO-AS7620_1 Datasheet
1Mb / 16P
   500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
logo
Analog Devices
ADP5303 AD-ADP5303 Datasheet
764Kb / 21P
   50 mA/500 mA, Ultralow Power Step-Down Regulator With Battery Voltage Monitor
Rev. B
ADP5302 AD-ADP5302 Datasheet
549Kb / 22P
   50 mA/500 mA, Ultralow Power Step-Down Regulator with Battery Voltage Monitor
Rev. B
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com