Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-170GC525-X-T Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OLS-170GC525-X-T
Description  Series 170 - 0805 Standard green
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-170GC525-X-T Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OLS-170GC525-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-170GC525-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-170GC525-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-170GC525-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-170GC525-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
edition 03/09
© 2009
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OLS-170 ?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved. Due to technical requirements components may contain dangerous
substances. The data sheet may changed without prior information; the valid issue will be on our webpage in
internet.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. OSA opto light does not have the responsibility for the reliability
and the degradation behaviour of products made with OSA opto light diodes because they depend not
only on the diode but also on the conditions of manufacture or design of the final products.
Packaging: Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
3000
12000
Tape And Reel Packing


Similar Part No. - OLS-170GC525-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-170G-C-T OSA-OLS-170G-C-T Datasheet
126Kb / 5P
   Series 170 - 0805 Standard low cost
OLS-170G-CD-T OSA-OLS-170G-CD-T Datasheet
126Kb / 5P
   Series 170 - 0805 Standard low cost
OLS-170G-X-T OSA-OLS-170G-X-T Datasheet
126Kb / 5P
   Series 170 - 0805 Standard low cost
OLS-170G-XD-T OSA-OLS-170G-XD-T Datasheet
126Kb / 5P
   Series 170 - 0805 Standard low cost
More results

Similar Description - OLS-170GC525-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-170BA460 OSA-OLS-170BA460 Datasheet
126Kb / 5P
   Series 170 - 0805 Standard blue
OLS-170HYG OSA-OLS-170HYG Datasheet
120Kb / 5P
   Series 170 - 0805 Standard green 572 nm
OLS-170UW OSA-OLS-170UW Datasheet
138Kb / 5P
   Series 170 - 0805 Standard white
OLS-170R OSA-OLS-170R Datasheet
126Kb / 5P
   Series 170 - 0805 Standard low cost
OLS-170HY OSA-OLS-170HY Datasheet
125Kb / 5P
   Series 170 - 0805 Standard High luminous intensity
OLS-170UR OSA-OLS-170UR Datasheet
121Kb / 5P
   Series 170 - 0805 Standard red 650 nm
OIS-170880 OSA-OIS-170880 Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
OIS-170660 OSA-OIS-170660 Datasheet
114Kb / 5P
   Series 170 - 0805 Standard IR high intensity 660-850 nm
OIS-170885 OSA-OIS-170885 Datasheet
114Kb / 5P
   Series 170 - 0805 Standard IR high intensity 885-950 nm
logo
Hammond Manufacturing L...
170G HAMMOND-170G Datasheet
124Kb / 1P
   Hard Wired 170 Series
2/7/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com