Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK70203M Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK70203M
Description  1.03 V REGULATOR WITH ON/OFF SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK70203M Datasheet(HTML) 4 Page - TOKO, Inc

  TK70203M Datasheet HTML 1Page - TOKO, Inc TK70203M Datasheet HTML 2Page - TOKO, Inc TK70203M Datasheet HTML 3Page - TOKO, Inc TK70203M Datasheet HTML 4Page - TOKO, Inc TK70203M Datasheet HTML 5Page - TOKO, Inc TK70203M Datasheet HTML 6Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4
January, 1996 TOKO, Inc.
TK702xx
1-16-96
TYPICAL PERFORMANCE CHARACTERISTICS
RIPPLE REJECTION
.1
1
FREQUENCY (kHz)
-100
-50
0
10
100
7
TA = 25 °C
LINE TRANSIENT RESPONSE
50 µ s/DIV
VIN
8
VO
1.01
1.3
1.5
1.05
TA = 25 °C
LOAD TRANSIENT RESPONSE
50 µ s/DIV
IO
9
VO
1.01
0
6.0
1.05
TA = 25 °C
SHORT CIRCUIT CURRENT
0
IO (mA)
0
1.0
12
10
20
0.4
0.2
0.6
0.8
VIN = 1.2 V
1.4 V
TA = 25 °C
DROPOUT VOLTAGE vs.
OUTPUT CURRENT
03
4
IO (mA)
0
200
11
12
5
100
TA = 25 °C
OUTPUT (ON/OFF)
CONTROL RESPONSE
10 µ s/DIV
SD
10
VO
CL = 1 µF
CL = 3.3 µF
TA = 25 °C
NOISE SPECTRUM
0
FREQUENCY
-50
15
500 kHz
1 MHz
-100
IO = 3 mA
(SPECTRUM ANALYZER ONLY)
TA = 25 °C
INPUT CURRENT vs.
INPUT VOLTAGE
0
VIN(V)
20
14
1.0
2.0
10
RC = 820 k
TA = 25 °C
ON/OFF CONTROL TERMINAL
(SERIES RESISTOR RC)
0
VCONT (V)
0
2.0
13
1.0
2.0
1.0
RC = 500 k
RC = 820 k
RC = 1 M
VOUT
RC = 500 k
RC = 820 k
RC = 1 M
TA = 25 °C


Similar Part No. - TK70203M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK70203CS2G0 TOKO-TK70203CS2G0 Datasheet
157Kb / 2P
   1.03V positive LDO regulator IC with on/off control
TK70203CS2G0L-C TOKO-TK70203CS2G0L-C Datasheet
157Kb / 2P
   1.03V positive LDO regulator IC with on/off control
More results

Similar Description - TK70203M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK70403 TOKO-TK70403 Datasheet
61Kb / 10P
   1.03 V REGULATOR WITH ON/OFF SWITCH
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com