Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-033421PP Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-033421PP
Description  Micro-D Filter Connectors Pin-Socket In-Line Filter Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-033421PP Datasheet(HTML) 1 Page - Glenair, Inc.

  240-033421PP Datasheet HTML 1Page - Glenair, Inc. 240-033421PP Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-9
E-Mail: sales@glenair.com
F
Avoid Costly Redesign with Micro-D Filter Adapters.
Upgrade your existing cables and boxes to meet EMI
requirements. These pin-socket adapters can be
plugged into any standard M83513 connectors. Simply
unplug your existing cable, install the filter adapter, and
plug the cable into the adapter.
In-Line Filter Adapters feature gold plated TwistPin
contacts, machined aluminum shells, and either Pi or C
filter elements. These environmentally sealed adapters
are designed to meet the requirements of MIL-DTL-
83513.
HOW TO ORDER MICRO-D IN-LINE FILTER ADAPTERS
Series
Shell Finish
Number of
Contacts
Contact
Type
Filter Type
Filter
Class
Hardware
240-033
1 – Cadmium
2 – Nickel
4 – Black Anodize
5 – Gold
6 – Chem Film
9
15
21
25
31
37
PS
Pin/Socket
C – C Filter
P – Pi Filter
A
B
C
D
E
F
G
N – No Hardware
P – Combination Jackscrew and Jackpost
(See photograph on this page).
Sample Part Number
240-033
2
25
PS
C
D
P
Micro-D Filter Connectors
Pin-Socket In-Line Filter Adapters
MICRO-D IN-LINE FILTER ADAPTER CONTACT ARRANGEMENTS
9
12345
6789
15
123
45
67
9
1011 12131415
8
21
123456789
10
12 13 14 15 16 17 18 19 20 21
11
25
12 13
14 15 16 17 18 19 20 21 22 23 24 25
123456789
10 11
31
12 13 14 15 16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
123456789
10 11
37
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
12 13 14 15 16 17 18 19
123456789
10 11
Mating Face View of Pin Connector. Socket connectors have reversed cavity numbers.
MICRO-D FILTER CLASSES AND PERFORMANCE
Filter Class →
A
B
C
D
E
F
G
Capacitance, Picofarads (pF)
C Filter
19000-28000
16000-22500
9000-16500
4000-6000
1650-2500
400-650
200-300
Pi Filter
38000-56000
32000-45000
18000-33000
8000-12000
3300-5000
800-1300
400-600
Insertion Loss, dB Minimum, 25° C.
Filter Type →
C
Pi
C
Pi
C
Pi
C
Pi
C
Pi
C
Pi
C
Pi
1 MHz
6
10
5
8
3
5—
1—
10 MHz
24
40
23
35
16
25
8
14
4
8
2
0.8
100 MHz
41
62
39
60
35
57
28
50
21
40
10
15
5
13
500-1000 MHz
50
66
49
62
46
60
41
58
34
52
23
32
17
22


Similar Part No. - 240-033421PP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-033 GLENAIR-240-033 Datasheet
109Kb / 2P
   Micro-D Pin-Socket In-Line Filter Adapters
240-033-1-15P GLENAIR-240-033-1-15P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-033-1-15S GLENAIR-240-033-1-15S Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-033-1-21P GLENAIR-240-033-1-21P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-033-1-21S GLENAIR-240-033-1-21S Datasheet
380Kb / 2P
   Micro-D Filter Connectors
More results

Similar Description - 240-033421PP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-033 GLENAIR-240-033 Datasheet
109Kb / 2P
   Micro-D Pin-Socket In-Line Filter Adapters
logo
List of Unclassifed Man...
MF609 ETC-MF609 Datasheet
120Kb / 12P
   The in-Line Micro filter
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
   PCB Micro-D Filter Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com