Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

257-005-H20-5 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 257-005-H20-5
Description  Stainless Steel Environmental Receptacle with Printed Circuit Contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

257-005-H20-5 Datasheet(HTML) 1 Page - Glenair, Inc.

  257-005-H20-5 Datasheet HTML 1Page - Glenair, Inc. 257-005-H20-5 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2004 Glenair, Inc.
E-Mail: sales@glenair.com
C-14
L
C
L
C
F
E
PANEL CUTOUT
RECOMMENDED
C
D
POLARIZING KEY
CONTACTS, SEE FACE VIEWS & P/N DEVELOPMENT
INSERT ARRANGEMENT WITH SOLDER POT
WITH PRINTED CIRCUIT CONTACTS
ENVIRONMENT RESISTANT
CONNECTOR, RECEPTACLE,
257-005
S = SOCKET (NON HERMETIC ONLY)
P = PIN
OMIT FOR STD, SUBSTITUTE DASH
ALTERNATE INSERT POSITION, OMIT FOR NORMAL
CONTACT STYLE :
INSERT ARRANGEMENT DASH NO.
SHELL SIZE, TABLE I
H = HERMETIC
BASIC NO
PRODUCT SERIES
W
P
5
14S -
H
005
257 -
EXAMPLE:
HOW TO ORDER:
4
.170
.065/.060 DIA
.450/.440
1.82 MAX
A THREAD TYP.
B DIA
.50 MAX. PANEL
4
1 3/4 -18 UNEF
REF
F
FLATS
E
2.448 (62.2)
2.165 (55.0)
1.870 (47.5)
1.730 (43.9)
1.250 (31.8)
1.125 (28.6)
1.000 (25.4)
2.120 (53.8)
1.870 (47.5)
1.620 (41.1)
1.495 (38.0)
1.120 (28.4)
.995 (25.3)
.870 (22.1)
+.010 -
+.010 -
1 1/2 -18 UNEF
1 1/4 -18 UNEF
1 1/8 -18 UNEF
7/8 -20 UNEF
3/4 -20 UNEF
5/8 -24 UNEF
1.710 (43.4)
1.460 (37.1)
1.210 (30.7)
1.085 (27.6)
.835 (21.2)
.710 (18.0)
.585 (14.9)
1.760 (44.7)
1.510 (38.4)
1.260 (32.0)
1.135 (28.8)
.885 (22.5)
.760 (19.3)
.635 (16.1)
2.28 (57.9)
2.03 (51.6)
1.78 (45.2)
1.66 (42.2)
1.28 (32.5)
1.16 (29.5)
1.03 (26.2)
28
24
20
18
14S
12
10SL
CLASS 2A
A THREAD
.000
D
.000
C DIA
MAX
B DIA
SIZE
SHELL
TABLE I: CONNECTOR DIMENSIONS
(+0.3 - 0)
(+0.3 - 0)
257-005
Stainless Steel Environmental Receptacle
with Printed Circuit Contacts
MIL-DTL-5015 Type


Similar Part No. - 257-005-H20-5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-005 GLENAIR-257-005 Datasheet
62Kb / 1P
   Connector Receptacle Assembly
257-005H2-10SL GLENAIR-257-005H2-10SL Datasheet
416Kb / 1P
   Connector Receptacle Assembly
257-005H2-12 GLENAIR-257-005H2-12 Datasheet
416Kb / 1P
   Connector Receptacle Assembly
257-005H2-14S GLENAIR-257-005H2-14S Datasheet
416Kb / 1P
   Connector Receptacle Assembly
257-005H2-18 GLENAIR-257-005H2-18 Datasheet
416Kb / 1P
   Connector Receptacle Assembly
More results

Similar Description - 257-005-H20-5

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-2FS0-RG-QD RALSTON-QTHA-2FS0-RG-QD_19 Datasheet
264Kb / 1P
   Stainless Steel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com