Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

257-012-2-12-5 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 257-012-2-12-5
Description  Environment Resistant Plug Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

257-012-2-12-5 Datasheet(HTML) 2 Page - Glenair, Inc.

  257-012-2-12-5 Datasheet HTML 1Page - Glenair, Inc. 257-012-2-12-5 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2004 Glenair, Inc.
E-Mail: sales@glenair.com
C-17
NOTES:
1. ASSEMBLY IDENTIFIED WITH MANUFACTURER'S NAME AND P/N, SPACE PERMITTING.
2. GLENAIR 257-012 CONNECTOR FEATURES:
A. SHELL, ADAPTER: AL ALLOY/HARD COAT
B. INSULATOR, O-RING, GROMMET: NITRILE/NEOPRENE
C. CONTACTS: GOLD PLATED COPPER ALLOY WITH SOLDER POTS
D. CONTACT CURRENT RATING: #20-5 AMPS, #16-10 AMPS, #12-17 AMPS, #8-35 AMPS
E. RATED OPERATING VOLTAGE: SERVICE RATING INST - 250 VDC
SERVICE RATING A - 700 VDC
F. DIELECTRIC W/STANDING VOLTAGE (HI-POT): SERVICE RATING INST - 1000 VRMS
G. INSULATION RESISTANCE: 5000 MEGOHMS MINIMUM AT 500 VDC AND +25°C
H. TEMPERATURE RANGE: -55°C TO +125°C
3. ELECTRICAL SAFETY LIMITS MUST BE ESTABLISHED BY THE USER.
PEAK VOLTAGES, SWITCHING SURGES, TRANSIENTS, ETC., SHOULD BE
USED TO DETERMINE THE SAFETY OF THE APPLICATION.
- A VRMS
4 MATES TO MIL-C-5015 (MS3106) TYPE PLUG CONNECTORS.
INSERT ARRANGEMENTS
FACE VIEW OF PIN INSERT SHOWN
24-11
6 - #12, 3 - #8
A
20-29
17 - #16
A
18-1
10 - #16
4A 6 INST
14S-6
6 - #16
INST
14S-5
5 - #16
INST
14S-2
4 - #16
INST
12-10
10 - #20
INST
10SL-3
3 - #16
A
10SL-4
2 - #16
A
INSERT ARRANGEMENT:
CONTACT SIZE & QUANTITY:
MS SERVICE RATING:
16S-1
7 - #16
A
W,X,Y & Z
W & Z
W,X,Y & Z
N/A
X
X & Y
N/A
N/A
N/A
ALTERNATE POSITION:
W & Z
INSERT ARRANGEMENT:
CONTACT SIZE & QUANTITY:
MS SERVICE RATING:
ALTERNATE POSITION:
257-012
Environment Resistant Plug
MIL-DTL-5015 Type
Mates to Mil-C-5015 (MS3106) Type Plug Connector


Similar Part No. - 257-012-2-12-5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-012 GLENAIR-257-012 Datasheet
64Kb / 1P
   Test Connector Receptacle Assembly
257-012H210SL GLENAIR-257-012H210SL Datasheet
416Kb / 1P
   Connector Receptacle Assembly
257-012H212 GLENAIR-257-012H212 Datasheet
416Kb / 1P
   Connector Receptacle Assembly
257-012H214S GLENAIR-257-012H214S Datasheet
416Kb / 1P
   Connector Receptacle Assembly
257-012H218 GLENAIR-257-012H218 Datasheet
416Kb / 1P
   Connector Receptacle Assembly
More results

Similar Description - 257-012-2-12-5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
190-007-6-10SL-5PW GLENAIR-190-007-6-10SL-5PW Datasheet
307Kb / 2P
   Composite Connector, Plug Environment Resistant
190-007-7-10SL-5PW GLENAIR-190-007-7-10SL-5PW Datasheet
266Kb / 1P
   Composite Connector, Receptacle Environment Resistant
logo
PANDUIT CORP.
D-150-0094 PANDUIT-D-150-0094 Datasheet
131Kb / 2P
   SPLICE, COAXIAL CABLE, ENVIRONMENT RESISTANT
D-406-0034 PANDUIT-D-406-0034 Datasheet
94Kb / 1P
   DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
logo
Tyco Electronics
S02-07-R-92 MACOM-S02-07-R-92 Datasheet
38Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATION ENVIRONMENT RESISTANT WITH LEAD
logo
DDK Ltd.
DMS3100E10SL-29SBSN-0 DDK-DMS3100E10SL-29SBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
logo
Glenair, Inc.
257-007-6-10SL GLENAIR-257-007-6-10SL Datasheet
430Kb / 2P
   Connector Plug Assembly Stainless Steel Harsh Environment
257-003-6-10SL GLENAIR-257-003-6-10SL Datasheet
428Kb / 2P
   Connector Plug Assembly Stainless Steel Harsh Environment
logo
PowerDynamics, Inc
PD-HEC2-MCC-4-W POWERDYNAMICS-PD-HEC2-MCC-4-W Datasheet
224Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com