Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK61040STL Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK61040STL
Description  VOLTAGE DETECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK61040STL Datasheet(HTML) 8 Page - TOKO, Inc

  TK61040STL Datasheet HTML 1Page - TOKO, Inc TK61040STL Datasheet HTML 2Page - TOKO, Inc TK61040STL Datasheet HTML 3Page - TOKO, Inc TK61040STL Datasheet HTML 4Page - TOKO, Inc TK61040STL Datasheet HTML 5Page - TOKO, Inc TK61040STL Datasheet HTML 6Page - TOKO, Inc TK61040STL Datasheet HTML 7Page - TOKO, Inc TK61040STL Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8
October 1999 TOKO, Inc.
TK610xx
Marking Information
Marking
TK61023
23U
TK61025
25U
TK61027
27U
TK61030
30U
TK61033
33U
TK61036
36U
TK61040
40U
TK61041
41U
TK61042
42U
TK61045
45U
SOT23-5
PACKAGE OUTLINE
Printed in the USA
© 1999 Toko, Inc.
All Rights Reserved
TOKO AMERICA REGIONAL OFFICES
Toko America, Inc. Headquarters
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
IC-xxx-TKxxxxx
0798O0.0K
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its
products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of
third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
0.95
0.95
0.95
0.95
e
M
0.1
2.9
0.4
2.8
Recommended Mount Pad
1
2
3
4
5
0.7
e
e
e
0.1
Marking
± 0.3
+0.15
- 0.05
Dimensions are shown in millimeters
Tolerance: x.x =
± 0.2 mm (unless otherwise specified)
Western Regional Office
Toko America, Inc.
2480 North First Street , Suite 260
San Jose, CA 95131
Tel: (408) 432-8281
Fax: (408) 943-9790
Midwest Regional Office
Toko America, Inc.
1250 Feehanville Drive
Mount Prospect, IL 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
Eastern Regional Office
Toko America, Inc.
107 Mill Plain Road
Danbury, CT 06811
Tel: (203) 748-6871
Fax: (203) 797-1223
Semiconductor Technical Support
Toko Design Center
4755 Forge Road
Colorado Springs, CO 80907
Tel: (719) 528-2200
Fax: (719) 528-2375


Similar Part No. - TK61040STL

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK60 GREATECS-TK60 Datasheet
477Kb / 1P
   Sealed Ultraminiature Toggle Switches
logo
ATMEL Corporation
TK600-RC014T-42 ATMEL-TK600-RC014T-42 Datasheet
472Kb / 2P
   J3 and J4 mates up to the socket card while J1 and J2 goes down to the mother board
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
More results

Similar Description - TK61040STL

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com