Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA006-02 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # AA006-02
Description  AA and AB-Series Analog Sensors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

AA006-02 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  AA006-02 Datasheet HTML 1Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RHOPOINT COMPONENTS Tel: +44 (0) 1883 717988 Fax: +44 (0) 1883 712938 Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
AG001-01
Part Number
QTY
Description
Reference
AA002-02
2
15 Oe/5 k
Ω Field Sensor
Sensor Bulletin 001
AA003-02
2
20 Oe/5 k
Ω Field Sensor
Sensor Bulletin 001
AA004-02
2
50 Oe/5 k
Ω Field Sensor
Sensor Bulletin 001
AA005-02
2
100 Oe/5 k
Ω Field Sensor
Sensor Bulletin 001
AA006-02
2
50 Oe/30 k
Ω Field Sensor
Sensor Bulletin 001
AB001-02
2
250 Oe/5 k
Ω Field Gradient Sensor
Sensor Bulletin 003
AG004-01
2
Long PCB- 3.0" x 0.3"
AG005-01
2
Square PCB- 0.5" x 0.5"
SN 12031
2
Ceramic 5- Disc Magnets
SN 12030
2
Sintered 8 Alnico- Rectangular magnets
The NVE GMR Engineering Evaluation Kit
(PN AG001-01) was created as an aid to the technical
user of GMR sensors to facilitate laboratory
experimentation and development. The kit consists of
an assortment of NVE sensors, printed circuit boards and
permanent magnets sufficient to demonstrate sensor
functionality in the laboratory.
The kit consists of the
following:


Similar Part No. - AA006-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA006-02 ETC2-AA006-02 Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
AA006-02 ETC2-AA006-02 Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
NVE Corporation
AA006-02 NVE-AA006-02 Datasheet
378Kb / 2P
   Proximity Sensing
More results

Similar Description - AA006-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA004-00E ETC2-AA004-00E Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
AA002-02E ETC2-AA002-02E Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
Texas Instruments
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
[Old version datasheet]   LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com