Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK701XX Datasheet(PDF) 3 Page - TOKO, Inc

Part # TK701XX
Description  1.0 V LOW DROPOUT LINEAR REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK701XX Datasheet(HTML) 3 Page - TOKO, Inc

  TK701XX Datasheet HTML 1Page - TOKO, Inc TK701XX Datasheet HTML 2Page - TOKO, Inc TK701XX Datasheet HTML 3Page - TOKO, Inc TK701XX Datasheet HTML 4Page - TOKO, Inc TK701XX Datasheet HTML 5Page - TOKO, Inc TK701XX Datasheet HTML 6Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1-16-96
January, 1996 TOKO, Inc.
Page 3
TK701xx
TEST CIRCUIT
ON/OFF CONTROL TERMINAL
(SERIES RESISTOR RC)
0
VCONT (V)
0
100
13
1.0
2.0
50
RC = 10 k
VO
RC = 0
RC = 30 k
RC = 30 k
RC = 0
RC = 20 k
RC = 20 k
RC = 10 k
TA = 25 °C
QUIESCENT CURRENT vs.
INPUT VOLTAGE
0
VIN (V)
50
14
1.0
2.0
25
TA = 25 °C
RIPPLE REJECTION
.1
1
Frequency (kHz )
-100
-50
0
10
100
7
TA = 25 °C
T K70110
0.1 µ F
Rc
CL = 2.2 µ F
OUT
IN
SHORT CIRCUIT CURRENT
0
IO (mA)
0
1.0
12
50
100
0.4
0.2
0.6
0.8
VIN = 1.2 V
VIN = 1.1 V
VIN = 1.0 V
TA = 25 °C
OUTPUT VOLTAGE vs.
OUTPUT CURRENT
010
20
IO (mA)
0.95
1.0
1.05
1
TA = 25 °C
NOISE SPECTRUM
0
FREQUENCY
-50
15
500 kHz
1 MHz
-100
IO = 3 mA
(SPECTRUM ANALYZER ONLY)
CL = 1 µ F
10 µ F
TA = 25 °C
TYPICAL PERFORMANCE CHARACTERISTICS
5
4
1
2
3
+
A
+
V
VO
IO
CL
VSD
VIN
IIN
VIN
VO
GND
SHUT
DOWN


Similar Part No. - TK701XX

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
   High Capacity Toggle Switches up to 20A
logo
TOKO, Inc
TK70001 TOKO-TK70001 Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001M TOKO-TK70001M Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB TOKO-TK70001MCB Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB/01S TOKO-TK70001MCB/01S Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
More results

Similar Description - TK701XX

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com