Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-032-6-9SCA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-032-6-9SCA
Description  Micro-D Filter Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-032-6-9SCA Datasheet(HTML) 1 Page - Glenair, Inc.

  240-032-6-9SCA Datasheet HTML 1Page - Glenair, Inc. 240-032-6-9SCA Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D-12
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
D
240-032
Micro-D Filter Connectors
Pre-Wired Pigtails with Insulated Wire
Glenair’s Filtered Pigtail Micro-D's provide EMI solutions
in a miniaturized M83513 Micro-D connector. These
connectors feature ceramic capacitor planar arrays
and ferrite inductors. Insulated wire is factory precision-
crimped to TwistPin contacts for superior reliability in
the most demanding environments.
Choose 9 to 67 Contacts, with standard cadmium or
nickel plating on the connector housing or choose
optional finishes such as gold or chem film.
.096/.088 (2.43/2.23) DIA.
D
A
B
C
F
.093 ± .005
(2.36 ± 0.13)
H
PI FILTER 1.000 (25.4) MAX.
C FILTER .700 (17.8) MAX.
H
)
WIRE LENGT
+1.0/-0.0 (+25.4/-0.0
.287 (7.3)
Shell Finish
(See Table I)
Filter Connector
Product Code
Micro-D Pigtail
Basic Part Number
Number of Contacts
9, 15, 21, 25, 31, 37
Filter Class
A, B, C, D, E, F or G
(See Table III)
Contact Type
P - Pin
S - Socket
Filter Type
P - Pi Circuit
C - C Circuit
240 - 032 - 2 - 25 P P B 6 K 1 - 18 B
Wire Type
K - M22759/11 600 Vrms Teflon® (TFE)
C - M22759/33 600 Berms Modified
Cross-Linked Tefzel® (ETFE)
Wire Color
1 - White
2 - Yellow
5 - Color Coded per MIL-STD-681
(#24 and #26 gauge only)
7 - Ten Color Repeat
Wire Length
(Inches)
Hardware
(See Table II)
Wire Gauge
(AWG)
4 - #24
6 - #26
.322 (8.19)
MAX
REV 25 August 2009


Similar Part No. - 240-032-6-9SCA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
240-032115PC GLENAIR-240-032115PC Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
240-032115PP GLENAIR-240-032115PP Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
240-032115SC GLENAIR-240-032115SC Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
240-032115SP GLENAIR-240-032115SP Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
More results

Similar Description - 240-032-6-9SCA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
   PCB Micro-D Filter Connectors
240-030-1-9P GLENAIR-240-030-1-9P Datasheet
156Kb / 2P
   Micro-D Filter Connectors Solder Cup
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
240-077 GLENAIR-240-077 Datasheet
125Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com