Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK70003 Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK70003
Description  SINGLE OUTPUT, TWO INPUT SOLID STATE SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK70003 Datasheet(HTML) 1 Page - TOKO, Inc

  TK70003 Datasheet HTML 1Page - TOKO, Inc TK70003 Datasheet HTML 2Page - TOKO, Inc TK70003 Datasheet HTML 3Page - TOKO, Inc TK70003 Datasheet HTML 4Page - TOKO, Inc TK70003 Datasheet HTML 5Page - TOKO, Inc TK70003 Datasheet HTML 6Page - TOKO, Inc TK70003 Datasheet HTML 7Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
January 1999 TOKO, Inc.
Page 1
TK70003
CONT 2
GND
INPUT 2
CONT 1
OUTPUT
INPUT 1
SW
CIRCUIT
THERMAL
PROTECTION
BASE
CONTROL
CURRENT
BASE
CONTROL
CURRENT
SW
CIRCUIT
APPLICATIONS
s Battery Powered Systems
s Radio Control Systems
s Automatic Test Equipment (ATE)
s Power Management
s Process Control Equipment
s Power Distribution Control
FEATURES
s Internal PNP Power Transistor
s Reverse Bias Voltage Protection
s Very Low Input-Output Voltage Difference
s Very Low Standby Current
s Overtemperature Protection
s Single Output with Two Controlled Inputs
s Active High On/Off Control
BLOCK DIAGRAM
TK70003
20P
OUTPUT
INPUT 1
CONT 2
CONT 1
INPUT 2
GND
DESCRIPTION
The TK70003 is a monolithic bipolar integrated circuit with
high side current switches of low saturation type. The
supply current, including the control current, is virtually
zero (pA level) when the control pin is “off.” The impedance
on the output side is high and the reverse current does not
flow when the control pin is “off.” These are effective to
decrease the dissipation currents, making the TK70003 a
very efficient device for power management and power
distribution control.
The TK70003 is available in a miniature SOT-23-6 surface
mount package. When mounted as recommended, this
package is capable of dissipating up to 350 mW.
ORDERING INFORMATION
TAPE/REEL CODE
B: Tape Left
Tape/Reel Code
TK70003MCB
SINGLE OUTPUT, TWO INPUT SOLID STATE SWITCH


Similar Part No. - TK70003

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK70001 TOKO-TK70001 Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001M TOKO-TK70001M Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB TOKO-TK70001MCB Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB/01S TOKO-TK70001MCB/01S Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70002 TOKO-TK70002 Datasheet
56Kb / 7P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
More results

Similar Description - TK70003

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK70001 TOKO-TK70001 Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70002 TOKO-TK70002 Datasheet
56Kb / 7P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
logo
Sensortechnics GmbH
BSWM070DV-PCB SENSORTECHNICS-BSWM070DV-PCB Datasheet
194Kb / 4P
   Solid state pressure switch with analog output
logo
Shenzhen Huazhimei Semi...
HM254 HMSEMI-HM254 Datasheet
1Mb / 10P
   Solid state switch
logo
List of Unclassifed Man...
SS466A ETC-SS466A Datasheet
85Kb / 1P
   SOLID STATE SWITCH
VX80 ETC2-VX80 Datasheet
348Kb / 8P
   SWITCH - SOLID STATE
SS443A ETC-SS443A Datasheet
88Kb / 1P
   SOLID STATE SWITCH
logo
PHOENIX CONTACT
ELR1-230AC PHOENIX-ELR1-230AC Datasheet
112Kb / 4P
   Single-phase solid-state contactor, input voltage: 230 V AC, output current: 20 A, zero voltage switch
ELR1-24DC PHOENIX-ELR1-24DC Datasheet
112Kb / 4P
   Single-phase solid-state contactor, input voltage: 24 V DC, output current: 20 A, zero voltage switch
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
   SELECTABLE OUTPUT SOLID STATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com