Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK70001MCB Datasheet(PDF) 3 Page - TOKO, Inc

Part # TK70001MCB
Description  SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK70001MCB Datasheet(HTML) 3 Page - TOKO, Inc

  TK70001MCB Datasheet HTML 1Page - TOKO, Inc TK70001MCB Datasheet HTML 2Page - TOKO, Inc TK70001MCB Datasheet HTML 3Page - TOKO, Inc TK70001MCB Datasheet HTML 4Page - TOKO, Inc TK70001MCB Datasheet HTML 5Page - TOKO, Inc TK70001MCB Datasheet HTML 6Page - TOKO, Inc TK70001MCB Datasheet HTML 7Page - TOKO, Inc TK70001MCB Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
January 1999 TOKO, Inc.
Page 3
TK70001
IOUT 1
OUTPUT 1
ICONT 2
CONT 1
CONT 2
IOUT 2
ICONT 1
VCONT 2
VCONT 1
OUTPUT 2
CIN
1 µF
VIN
IIN
RCONT 2
INPUT
VOUT 2
VOUT 1
CL 1 = 0.1 µF
CL 2 = 0.1 µF
RCONT 1
TYPICAL PERFORMANCE CHARACTERISTICS
TEST CIRCUIT
DROPOUT VOLTAGE VS.
OUTPUT CURRENT
IOUT (mA)
400
300
100
0
50
100
150
200
0
VIN = 5.0 V
VIN = 2.5 V
VIN = 1 V
QUIESCENT CURRENT VS.
INPUT VOLTAGE
VIN (V)
0
0
5
10
15
250
500
ICONT = 50 A
ICONT = 30 A
ICONT = 10 A
ICONT = 20 A
ICONT = 40 A
REVERSE CURRENT VS.
REVERSE VOLTAGE
0
0
5
10
15
1
2
VREV (V)
DROPOUT VOLTAGE VS.
CONTROL CURRENT
ICONT ( A)
0
100
200
300
400
0
50
100
125 mA
100 mA
75 mA
50 mA
IOUT = 25 mA
CONTROL CURRENT VS.
CONTROL VOLTAGE
VCONT (V)
20
40
60
80
100
0
1
2
3
4
5
0
100K
75K
50K
30K
20K
10K
RCONT = 0
MAX OUTPUT CURRENT VS.
CONTROL CURRENT
ICONT ( A)
20
60
100
10
20
30
40
50
140
VIN = 1.5 V
VIN = 3.0 V
VIN = 6.0 V
VIN = 4.5 V


Similar Part No. - TK70001MCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK70002 TOKO-TK70002 Datasheet
56Kb / 7P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70002MCB TOKO-TK70002MCB Datasheet
56Kb / 7P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70002MCB/02S TOKO-TK70002MCB/02S Datasheet
56Kb / 7P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70003 TOKO-TK70003 Datasheet
56Kb / 7P
   SINGLE OUTPUT, TWO INPUT SOLID STATE SWITCH
TK70003MCB TOKO-TK70003MCB Datasheet
56Kb / 7P
   SINGLE OUTPUT, TWO INPUT SOLID STATE SWITCH
More results

Similar Description - TK70001MCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK70003 TOKO-TK70003 Datasheet
56Kb / 7P
   SINGLE OUTPUT, TWO INPUT SOLID STATE SWITCH
TK70002 TOKO-TK70002 Datasheet
56Kb / 7P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
logo
Sensortechnics GmbH
BSWM070DV-PCB SENSORTECHNICS-BSWM070DV-PCB Datasheet
194Kb / 4P
   Solid state pressure switch with analog output
logo
Shenzhen Huazhimei Semi...
HM254 HMSEMI-HM254 Datasheet
1Mb / 10P
   Solid state switch
logo
List of Unclassifed Man...
SS466A ETC-SS466A Datasheet
85Kb / 1P
   SOLID STATE SWITCH
VX80 ETC2-VX80 Datasheet
348Kb / 8P
   SWITCH - SOLID STATE
SS443A ETC-SS443A Datasheet
88Kb / 1P
   SOLID STATE SWITCH
logo
PHOENIX CONTACT
ELR1-230AC PHOENIX-ELR1-230AC Datasheet
112Kb / 4P
   Single-phase solid-state contactor, input voltage: 230 V AC, output current: 20 A, zero voltage switch
ELR1-24DC PHOENIX-ELR1-24DC Datasheet
112Kb / 4P
   Single-phase solid-state contactor, input voltage: 24 V DC, output current: 20 A, zero voltage switch
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
   SELECTABLE OUTPUT SOLID STATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com