Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-801-08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-801-08
Description  Printed Circuit Board Versions with PCB or Solder Cup Contacts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-801-08 Datasheet(HTML) 1 Page - Glenair, Inc.

  240-801-08 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C-8
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
C
TABLE I: DIMENSIONS
SHELL
SIZE
A THREAD
B
C D SQ
E
BSC F HOLES
G
H
FLAT
J
FLAT
K THREAD
5
.3125- .05P- .1L -2A .245
(6.2)
.680
(17.3)
.530
(13.5)
.363
(9.2)
.096 (2.4)
.091 (2.3)
.575
(14.6)
.545
(13.8)
.350
(8.9)
.3750-28 UN-2A
6
.3750- .05P- .1L -2A .330
(8.4)
.750
(19.1)
.590
(15.0)
.423
(10.7)
.096 (2.4)
.091 (2.3)
.635
(16.1)
.595
(15.1)
.410
(10.4) .4375-28 UNEF-2A
7
.4375- .05P- .1L -2A .442
(11.2)
.850
(21.6)
.650
(16.5)
.483
(12.3)
.096 (2.4)
.091 (2.3)
.755
(19.2)
.723
(18.4)
.536
(13.6)
.5625-32 UN-2A
8
.5000- .05P- .1L -2A .493
(12.5)
.938
(23.8)
.712
(18.1)
.545
(13.8)
.096 (2.4)
.091 (2.3)
.755
(19.2)
.723
(18.4)
.536
(13.6)
.5625-32 UN-2A
9
.5625- .05P- .1L -2A .551
(14.0)
1.125
(28.6)
.850
(21.6)
.607
(15.4)
.130 (3.3)
.126 (3.2)
.830
(21.1)
.790
(20.1)
.596
(15.1)
.6250-28 UN-2A
10
.6250- .05P- .1L -2A .620
(15.7)
1.188
(30.2)
.890
(22.6)
.670
(17.0)
.130 (3.3)
.126 (3.2)
.890
(22.6)
.855
(21.7)
.658
(16.7)
.6875-28 UN-2A
13
.8125- .1P- .2L -2A .703
(17.9)
1.375
(34.9)
1.030
(26.2)
.812
(20.6)
.130 (3.3)
.126 (3.2)
1.078
(27.4)
1.044
(26.5)
.845
(21.5)
.875-28 UN-2A
16
1.000- .1P- .2L -2A .863
(21.9)
1.625
(41.3)
1.219
(31.0)
.981
(24.9)
.130 (3.3)
.126 (3.2)
1.264
(32.1)
1.230
(31.2)
1.022
(26.0) 1.0625-20 UN-2A
17
1.0625- .1P- .2L -2A .912
(23.2)
1.700
(43.2)
1.280
(32.5)
1.060
(26.9)
.130 (3.3)
.126 (3.2)
1.325
(33.7)
1.290
(32.8)
1.096
(27.8)
1.125-28 UN-2A
240-801-02 and -08
"Mighty Mouse" Filter Connector
Heavy Duty Double-Start Coupling
Printed Circuit Board Versions with PCB or Solder Cup Contacts
4x F Through
E BSC
TYP
Master Keyway
C
D SQ
TYP
See Note 5
J Flat
G
H Flat
TYP
Master Keyway
1.200 (30.5)
Max
.430 (10.9) Max
.060
(1.5)
.125 +/- .015
(31.8 +/- .4)
PC Tail
.022 / .018
( .6 / .5)
.025 (.6)
A Thread
Red Full Mate
Indicator Band 1.36 (34.5)
Max
.100 (2.5) Max
Panel Thickness
K Thread
(31.8 +/- .4)
PC Tail
.025 (.6)
Red Full Mate
Indicator Band
A Thread
.060
(1.5)
.430 (10.9) Max
.005 (.13)
M
02 - Square Flange
Receptacle with
Printed Circuit Board
Contacts
08 - Jam Nut
Receptacle with
Printed Circuit Board
Contacts
B
.022 / .018
( .6 / .5)
B
Solder Cup
Solder Cup


Similar Part No. - 240-801-08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-801-01 GLENAIR-240-801-01 Datasheet
309Kb / 1P
   Banding Platform Versions with Solder Cup Contacts
240-801-07 GLENAIR-240-801-07 Datasheet
309Kb / 1P
   Banding Platform Versions with Solder Cup Contacts
More results

Similar Description - 240-801-08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-005-00C5-3PA GLENAIR-804-005-00C5-3PA Datasheet
485Kb / 3P
   Receptacles With PCB or Solder Cup Contacts
803-005-02C5-3PN GLENAIR-803-005-02C5-3PN Datasheet
154Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
805-005-02Z18-1PA GLENAIR-805-005-02Z18-1PA Datasheet
381Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
240-801-01 GLENAIR-240-801-01 Datasheet
309Kb / 1P
   Banding Platform Versions with Solder Cup Contacts
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
802-012 GLENAIR-802-012 Datasheet
192Kb / 1P
   Solder Cup or PCB Receptacle
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
802-012-02Z15-3PA GLENAIR-802-012-02Z15-3PA Datasheet
471Kb / 4P
   Receptacles for PCB or Solder Cup
242-383P GLENAIR-242-383P Datasheet
407Kb / 2P
   Plug with Solder Cup Contacts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com